Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT6520 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMBT6520
Description  High Voltage Transistor(PNP Silicon)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBT6520 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMBT6520 Datasheet HTML 1Page - Leshan Radio Company MMBT6520 Datasheet HTML 2Page - Leshan Radio Company MMBT6520 Datasheet HTML 3Page - Leshan Radio Company MMBT6520 Datasheet HTML 4Page - Leshan Radio Company MMBT6520 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
M24–2/5
MMBT6520LT1
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
—
(I C = –1.0 mAdc, V CE = –10 Vdc)
20
—
(I C = –10mAdc, V CE = –10 Vdc)
30
—
(I C = –30 mAdc, V CE = –10 Vdc)
30
200
(I C = –50 mAdc, V CE = –10 Vdc)
20
200
(I C = –100 mAdc, V CE = –10 Vdc)
15
—
Collector–Emitter Saturation Voltage
VCE(sat)
Vdc
(I C = –10mAdc, I B = –1.0mAdc)
—
–0.30
(I C = –20 mAdc, I B = –2.0 mAdc)
—
–0.35
(I C = –30 mAdc, I B = –3.0mAdc)
—
–0.50
(I C = –50 mAdc, I B = –5.0 mAdc)
—
–1.0
Base – Emitter Saturation Voltage
VBE(sat)
Vdc
(I C = –10mAdc, I B = –1.0mAdc,)
—
–0.75
(I C = –20mAdc, I B = –2.0mAdc,)
—
–0.85
(I C = –30mAdc, I B = –3.0mAdc,)
—
–0.90
Base–Emitter On Voltage
V BE(on)
—
–2.0
Vdc
(I C = –100mAdc, V CE = –10V )
SMALL–SIGNAL CHARACTERISTICS
Current Gain–Bandwidth Product
f
T
40
200
MHz
(V CE = –20 V, I C = –10mA, f = 20 MHz)
Collector –Base Capacitance
(V CB = –20 V, f = 1.0 MHz)
C cb
—
6.0
pF
Emitter –Base Capacitance
C eb
—
100
pF
(V EB= –0.5 V, f = 1.0 MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com