Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS3406 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS3406
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3406 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS3406 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STS3406
VGS=±12V,VDS=0V
30
1
±10
0.5
139
3.2
64
26
14
6
11.8
119
19
VDS=15V,VGS=0V
VDD=15V
ID=1A
VGS=10V
RGEN=6ohm
VGS=10V , ID=1A
VDS=5V , ID=1A
VDS=24V , VGS=0V
VGS=0V,ID=250uA
VGS=4.5V , ID=0.9A
164
0.9
1.5
174
218
Symbol
Min
Typ
Max
Units
BVDSS
V
IGSS
uA
VGS(th)
V
gFS
S
CISS
pF
COSS
pF
CRSS
pF
tD(ON)
ns
tr
ns
tD(OFF)
ns
tf
ns
SWITCHING CHARACTERISTICS
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
mohm
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
Reverse Transfer Capacitance
ON CHARACTERISTICS
mohm
b
b
1.9
Qg
nC
Total Gate Charge
VDS=15V,ID=1A,VGS=10V
www.samhop.com.tw
May,29,2014
2
0.33
0.6
nC
Qgs
nC
Qgd
Gate-Drain Charge
Gate-Source Charge
VDS=15V,ID=1A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS= 0.5A
0.82
VSD
Diode Forward Voltage
1.2
V
Notes
f=1.0MHz
VDS=VGS ,ID=250uA
Ver 1.0
VDS=15V,ID=1A,VGS=4.5V
1.3
nC
a.Surface Mounted on FR4 Board of 1 inch2 ,1oz.
b.Guaranteed by design, not subject to production testing.
c.Drain current limited by maximum junction temperature.
VGS=2.5V , ID=0.8A
230
311
m ohm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com