Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS3417 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS3417
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3417 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS3417 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
10
IGSS
±10
uA
VGS(th)
-0.5
V
m ohm
VGS=-4.5V , ID=-1.5A
RDS(ON)
Drain-Source On-State Resistance
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=-0.25mA
VDS=-30V , VGS=0V
VGS=±12V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
ON CHARACTERISTICS
STS3417
Ver 1.0
-0.7
-1.5
VSD
CISS
323
pF
COSS
73
pF
CRSS
53
pF
Qg
7.2
nC
12.4
nC
Qgs
7.4
nC
Qgd
8.9
tD(ON)
9
ns
tr
1.3
ns
tD(OFF)
2.7
ns
tf
ns
Gate-Drain Charge
VDS=-15V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=-15V
ID=-1.5A
VGS=-4.5V
RGEN= 4.7 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
Diode Forward Voltage
Reverse Transfer Capacitance
VGS=-2.5V , ID=-1.5A
m ohm
c
f=1.0MHz
c
VDS=-15V,ID=-1.5A,
VGS=-4.5V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=-1A
-0.8
-1.2
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
_
_
www.samhop.com.tw
Aug,29,2012
2
74
96
91
123
52
69
BVDSS
-30
V
Drain-Source Breakdown Voltage
VGS=20V , ID=-10mA
VGS=0V,ID=-10mA
V
BVDSX
-10
_
VGS=-4.0V , ID=-1.5A
m ohm
76
100
54
VGS=-3.7V , ID=-1.5A
m ohm
78
103
56
VGS=-3.1V , ID=-1.5A
m ohm
83
111
61



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com