Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPZ4706 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZ4706
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ4706 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZ4706 Datasheet HTML 1Page - Central Semiconductor Corp CMPZ4706 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPZ4678 THRU CMPZ4717
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODE
1.8 VOLTS THRU 43 VOLTS
350mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPZ4678 Series
silicon zener diode is a high quality voltage regulator
designed for applications requiring an extremely low
operating current and low leakage.
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.5V MAX @ IF=100mA (for all types)
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
REVERSE
CURRENT
IR
@
VR
MAXIMUM
ZENER
CURRENT
IZM
MARKING
CODE
MIN
V
NOM
V
MAX
V
µA
µA
V
mA
CMPZ4678
1.710
1.8
1.890
50
7.5
1.0
120.0
C9A
CMPZ4679
1.900
2.0
2.100
50
5.0
1.0
110.0
C9B
CMPZ4680
2.090
2.2
2.310
50
4.0
1.0
100.0
C9C
CMPZ4681
2.280
2.4
2.520
50
2.0
1.0
95.0
C9D
CMPZ4682
2.565
2.7
2.835
50
1.0
1.0
90.0
C9E
CMPZ4683
2.850
3.0
3.150
50
0.8
1.0
85.0
C9F
CMPZ4684
3.135
3.3
3.465
50
7.5
1.5
80.0
C9G
CMPZ4685
3.420
3.6
3.780
50
7.5
2.0
75.0
C9H
CMPZ4686
3.705
3.9
4.095
50
5.0
2.0
70.0
C9J
CMPZ4687
4.085
4.3
4.515
50
4.0
2.0
65.0
C9K
CMPZ4688
4.465
4.7
4.935
50
10
3.0
60.0
C9L
CMPZ4689
4.845
5.1
5.355
50
10
3.0
55.0
C9M
CMPZ4690
5.320
5.6
5.880
50
10
4.0
50.0
C9N
CMPZ4691
5.890
6.2
6.510
50
10
5.0
45.0
C9P
CMPZ4692
6.460
6.8
7.140
50
10
5.1
35.0
C9Q
CMPZ4693
7.125
7.5
7.875
50
10
5.7
31.8
C9R
CMPZ4694
7.790
8.2
8.610
50
1.0
6.2
29.0
C9S
CMPZ4695
8.265
8.7
9.135
50
1.0
6.6
27.4
C9T
CMPZ4696
8.645
9.1
9.555
50
1.0
6.9
26.2
C9U
CMPZ4697
9.500
10
10.50
50
1.0
7.6
24.8
C9V
CMPZ4698
10.45
11
11.55
50
0.05
8.4
21.6
C9W
SOT-23 CASE
R9 (13-April 2011)
www.centr a lsemi.com


Similar Part No. - CMPZ4706

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4706 CENTRAL-CMPZ4706 Datasheet
92Kb / 2P
350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
CMPZ4706 CENTRAL-CMPZ4706 Datasheet
401Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
More results

Similar Description - CMPZ4706

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4678 CENTRAL-CMPZ4678_10 Datasheet
401Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CLL4678 CENTRAL-CLL4678_15 Datasheet
310Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES
CMDZ5L8 CENTRAL-CMDZ5L8 Datasheet
377Kb / 2P
SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4678 CENTRAL-CMHZ4678_15 Datasheet
382Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMOZ2L4 CENTRAL-CMOZ2L4_15 Datasheet
497Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com