Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMVL109T1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMVL109T1
Description  Silicon Epicap Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMVL109T1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMVL109T1 Datasheet HTML 1Page - Leshan Radio Company MMVL109T1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMVL109T1–2/2
MMVL109T1
TYPICAL CHARACTERISTICS
Figure 1. DIODE CAPACITANCE
40
32
24
16
8
0
1
3
10
30
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. FIGURE OF MERIT
f, FREQUENCY (MHz)
Figure 3. LEAKAGE CURRENT
TA, AMBIENT TEMPERATURE
Figure 4. DIODE CAPACITANCE
TA, AMBIENT TEMPERATURE
10
1000
100
10
100
1000
100
–60
0.01
0.001
0
+40
+100
1.04
–75
1.02
1.00
0.98
0.96
–25
+25
+75
+125
VR = 3.0 Vdc
f = 1.0 MHz
Ct [ Cc + Cj
36
28
20
12
4
f = 1.0 MHz
TA = 25°C
VR = 3 Vdc
TA = 25°C
VR = 20 Vdc
+120 +140
+80
+60
+20
–40
–20
0.1
1.0
10
20
2.0
0.2
0.02
0.002
0.006
0.06
0.6
6.0
60
–50
0
+50
+100
1.03
1.01
0.99
0.97
NOTES ON TESTING AND SPECIFICATIONS
1. CR is the ratio of Ct measured at 3.0 Vdc divided by Ct measured at 25 Vdc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com