Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB710-RT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MSB710-RT1
Description  PNP General Purpose Amplifier Transistor Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MSB710-RT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MSB710-RT1 Datasheet HTML 1Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LESHAN RADIO COMPANY, LTD.
N3–1/1
MSB710-RT1
PNP General Purpose Amplifier
Transistor Surface Mount
3
CASE
318D–04, STYLE1
SC–59
1
2
MAXIMUM RATINGS (T A = 2
5°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V (BR)CBO
–60
Vdc
Collector-Emitter Voltage
V (BR)CEO
–50
Vdc
Emitter-Base Voltage
V (BR)EBO
–7.0
Vdc
Collector Current - Continuous
I C
–500
mAdc
Collector Current - Peak
I C(P)
–1.0
Adc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
–55 ~ +150
°C
DEVICE MARKING
The “X” represents a smaller alpha digit Date Code. The Date Code indicates the actual month
in which the part was manufactured.
COLLECTOR
3
2
1
BASE
EMITTER
CRX


Similar Part No. - MSB710-RT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSB710-RT1 MOTOROLA-MSB710-RT1 Datasheet
125Kb / 6P
PNP General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSB710-RT1 ONSEMI-MSB710-RT1 Datasheet
80Kb / 6P
PNP General Purpose Amplifier Transistor Surface Mount
1997
logo
E-Tech Electronics LTD
MSB710-RT1 ETL-MSB710-RT1 Datasheet
75Kb / 1P
PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB710-RT1 ONSEMI-MSB710-RT1 Datasheet
38Kb / 2P
PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
More results

Similar Description - MSB710-RT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSB709-RT1 ONSEMI-MSB709-RT1 Datasheet
111Kb / 4P
PNP General Purpose Amplifier Transistor Surface Mount
REV 3
MSB710-RT1 ONSEMI-MSB710-RT1 Datasheet
80Kb / 6P
PNP General Purpose Amplifier Transistor Surface Mount
1997
logo
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
PNP General Purpose Amplifier Transistor Surface Mount
logo
Micropac Industries
61083 MICROPAC-61083 Datasheet
83Kb / 2P
SURFACE MOUNT (PNP) GENERAL PURPOSE TRANSISTOR
logo
Leshan Radio Company
LMSB709LT1 LRC-LMSB709LT1 Datasheet
44Kb / 2P
PNP General Purpose Amplifier Transistor Surface Mount
logo
E-Tech Electronics LTD
MSB709 ETL-MSB709 Datasheet
78Kb / 1P
PNP General Purpose Amplifier Transistor Surface Mount
MSB710 ETL-MSB710 Datasheet
75Kb / 1P
PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB709-RT1G ONSEMI-MSB709-RT1G Datasheet
39Kb / 4P
PNP General Purpose Amplifier Transistor Surface Mount
June, 2005 ??Rev. 6
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
logo
TT Electronics.
2N2907AUB TTELEC-2N2907AUB Datasheet
566Kb / 4P
Surface Mount PNP General Purpose Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com