Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB154 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # RB154
Description  1.5A RB SERIES SIP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RB154 Datasheet(HTML) 2 Page - Leshan Radio Company

  RB154 Datasheet HTML 1Page - Leshan Radio Company RB154 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
4CA–2/2
RB150-RB159 RB150S-RB159S
BRIDGE RECTIFIERS RATING & CHARACTERISTIC CURVES
FIG. 2 - MAXIMUM FORWARD SURGE
CURRENT
0
20
40
60
80
100
120
140
160
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
20
40
60
80
100
120
140
100
60
40
20
10
6
4
2
1
0.6
0.4
0.2
0.1
TJ = 125°C
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD DERATING CURVE
60
50
40
30
20
10
0
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATUER.°C
NUMBER OF CYCLES AT 50Hz
TJ = 25°C
0
.2
.4
.6
.8
1.0
1.2
1.4
10
1.0
.1
.01
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
T
J = 25°C
Pulse Width=300
µs
TJ =25°C
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE VOLTS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com