Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL251 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # RL251
Description  2.5A GENERAL DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RL251 Datasheet(HTML) 2 Page - Leshan Radio Company

  RL251 Datasheet HTML 1Page - Leshan Radio Company RL251 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
27A–2/2
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
AMBIENT TEMPERATURE, (ºC)
0
25
50
75
100
125
150
175
2.5
2.0
1.5
1.0
0.5
0
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
(JEDEC Method)
1
2
4
6
8 10
20
40
60 80100
150
120
90
60
30
5
FIG. 3 - MAXINUM NON-REPETITIVE
FOWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE,(V)
.6
.8
1.0
1.2
1.4
1.5
TJ =25ºC
Pulse Width=300
µs
1% Duty Cycle
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200
100
60
40
20
10
6
4
2
1
TJ =25ºC
10
4.0
1.0
0.4
0.1
0.04
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
10
4
2
1.0
.4
.2
.1
.04
.02
.01
REVERSE VOLTAGE,(V)
.1
.2
.4
1.0
2
4
10
20
40
100
TJ =100ºC
TJ =25ºC
RL251-RL257
R-3
2.5A
RATING & CHARACTERISTIC CURVES OF 2.5A GENERAL DIODES OF R-3 PACKAGE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com