Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB320 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SB320
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB320 Datasheet(HTML) 2 Page - Leshan Radio Company

  SB320 Datasheet HTML 1Page - Leshan Radio Company SB320 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
6A–2/2
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE, (ºC)
0
25
50
75
100
125
150
175
4
3
2
1
0
Resistive or inductive load
0.375 ”(9.5mm)lead length
NUMBER OF CYCLES AT 60Hz
1
2
4
6
8 10
20
40
60 80 100
80
70
60
50
40
30
20
10
FIG. 2 - MAXIMUM NON-REPETITIVE FOWARD
SURGE CURRENT
TJ=TJMAX.
8.3ms Single Half Sine-Wave
(JEDEC Method)
INSTANTANEOUS FORWARD VOLTAGE,(V)
0
.2
.4
.6
.8
1
1.2
1.4
1.6
50
10
1
.1
.01
TJ=25 ºC
Pulse Width=300
µs
1% Duty Cycle
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
TJ=125 ºC
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
.1
1
10
100
FIG. 6 - TYPICAL TRANSIENT THERMAL
IMPEDANCE
.01
.1
1
10
100
1,000
100
10
100
10
1
.1
t, PULSE DURATION, sec.
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
1
.1
.01
.001
TJ=25 ºC
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ=75 ºC
TJ=125 ºC
TJ =25 ºC
f = 1.0MHz
Vsig = 50mVp-p
SB320-SB340
SB350 & SB360
SB320-SB340
SB350 & SB360
SB320-SB340
SB350 & SB360
SB320-SB340
SB350 & SB360
SB320-SB360
SCHOTTKY DIODE RATING & CHARACTERISTIC CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com