Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED590-66-60 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED590-66-60
Description  High Power LED Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED590-66-60 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED590-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED590-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25.04.2012
LED590-66-60
1 of 2
LED590-66-60
TECHNICAL DATA
High Power LED Array, 60 chips
InGaN
LED590-66-60 is a wide viewing and extremely high output power illuminator assembled with a
total of 60 high efficiency InGaN diode chips, mounted on a metal stem TO-66 with AIN ceramics
and covered with double coated clear silicone and epoxy resin.
These devices are designed for high current operation with proper heat sinking to improver thermal
conductive efficiency.
Specifications
(Unit: mm)
•
Structure:
InGaN, 60 LED chips
•
Peak Wavelength:
590 nm
•
Optical Output Power:
60 mW
•
Package:
TO-66 stem with AIN
•
Lens:
clear epoxy resin
Absolute Maximum Ratings (TA=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
4.5
W
Forward Current
IF
400
mA
Pulse Forward Current *
1
IFP
600
mA
Reverse Voltage
VR
50
V
Operating Temperature
Topr
-30 … +80
°C
Storage Temperature
Tstg
-30 … +110
°C
Soldering Temperature *
2
Tsol
240
°C
*
1 duty = 1%, pulse width = 1 µs
*
2 must be completed within 3 seconds at 260°C
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak Wavelength
λ
P
IF = 240 mA
580
590
600
nm
Half Width
Δλ
IF = 240 mA
-
15
-
nm
Total Radiated Power
PO
IF = 240 mA
-
60
-
mW
Radiant Intensity
IE
IF = 240 mA
-
15
-
mW/sr
Brightness
IV
IF = 240 mA
-
7.0
-
cd
Forward Voltage
VF
IF = 240 mA
-
10.0
-
V
Reverse Voltage
VR
IR = 10 µA
50
-
-
V
Viewing Half Angle
Θ
1/2
IF = 240 mA
-
±60
-
deg.
Heat Sink is required
, to keep the LED at ≤60 °C.
Note: The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED590-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
Visible LED
LED590-33W ROITHNER-LED590-33W Datasheet
132Kb / 3P
Visible LED
More results

Similar Description - LED590-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED47W-66-16100 ROITHNER-LED47W-66-16100 Datasheet
136Kb / 2P
High Power LED Array
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED375-66-60-110 ROITHNER-LED375-66-60-110 Datasheet
123Kb / 2P
High Power LED Array
LED385-66-60-110 ROITHNER-LED385-66-60-110 Datasheet
123Kb / 2P
High Power LED Array
LED450-66-60 ROITHNER-LED450-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED645-66-60 ROITHNER-LED645-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED670-66-60 ROITHNER-LED670-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED850-66-60 ROITHNER-LED850-66-60 Datasheet
275Kb / 3P
High Power LED Array
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
High Power LED Array
LED1300-66-60 ROITHNER-LED1300-66-60 Datasheet
137Kb / 2P
High Power LED Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com