Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS7237 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7237
Description  TOUCH CONTROL LAMP STEP DIMMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7237 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7237 Datasheet HTML 1Page - LSI Computer Systems LS7237 Datasheet HTML 2Page - LSI Computer Systems LS7237 Datasheet HTML 3Page - LSI Computer Systems LS7237 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
CONDUCTION ANGLE, Ø
BRIGHTNESS LEVEL
No output
Off
45˚
Night Light
70˚
Mood Light
105˚
Medium
158˚
Maximum
NOTE: In the schematic shown in Figure 5, the SYNC Input sig-
nal is delayed in phase with respect to the AC Line by about 7°.
This delay reduces the conduction angle, Ø with respect to the
AC Line by 7° from the values shown above.
7237-041395-2
ø
TRIG
SYNC
T W
TW
FIGURE 2. TRIG OUTPUT CONDUCTION ANGLE, Ø
EXT (Pin 6)
The EXT input is functionally similar to the SENS input with
the exception that a high-level pulse is the active signal. It is
recommended that the EXT input be used instead of the
SENS input when long extension wires are used between the
IC and the sensing circuitry (See Figure 5 and Figure 6) be-
cause the EXT input is less susceptible to “Noise”.
VDD (Pin 7)
Supply voltage negative terminal.
TRIG (Pin 8)
The TRIG output is a low-level pulse of fixed duration oc-
curring once every half-cycle of the SYNC input. The con-
duction angle, Ø of the output in relation to the SYNC signal
controls the lamp brightness. The 5 levels of brightness cor-
respond to the 5 values of Ø as follows:
SENS
Ø, MODE 0
Ø, MODE 1
Ø, MODE 2
TS1
OFF
OFF
OFF
70˚
45˚
OFF
105˚
70˚
158˚
158˚
105˚
OFF
OFF
158˚
158˚
70˚
OFF
FIGURE 3. TRIG OUTPUT CONDUCTION ANGLE, Ø, VS SENS INPUT
158˚



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com