Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN10H170SVT-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN10H170SVT-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H170SVT-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN10H170SVT-13 Datasheet HTML 1Page - Diodes Incorporated DMN10H170SVT-13 Datasheet HTML 2Page - Diodes Incorporated DMN10H170SVT-13 Datasheet HTML 3Page - Diodes Incorporated DMN10H170SVT-13 Datasheet HTML 4Page - Diodes Incorporated DMN10H170SVT-13 Datasheet HTML 5Page - Diodes Incorporated DMN10H170SVT-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN10H170SVT
Document number: DS37196 Rev. 2 - 2
2 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMN10H170SVT
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
2.6
2.1
A
Pulsed Drain Current (10
μs pulse, duty cycle ≦1%)
IDM
11.2
A
Maximum Body Diode Continuous Current (Note 6)
IS
2.0
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation
(Note 5)
PD
1.2
W
(Note 6)
1.7
Thermal Resistance, Junction to Ambient
(Note 5)
RJA
101
°C/W
(Note 6)
73
Thermal Resistance, Junction to Case
(Note 6)
RJC
15
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
100
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1.0
µA
VDS = 100V, VGS = 0V
Gate-Body Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1.0
2.0
3.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
115
160
m
Ω
VGS = 10V, ID = 5.0A

124
200
VGS = 4.5V, ID = 5.0A
Diode Forward Voltage
VSD
0.9
1.0
V
VGS = 0V, IS = 10A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
1,167
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
36
Reverse Transfer Capacitance
Crss
25
Gate Resistance
Rg

1.3

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
4.9
nC
VDS = 80V, ID = 12.8A
Total Gate Charge (VGS = 10V)
Qg
9.7
Gate-Source Charge
Qgs
2.0
Gate-Drain Charge
Qgd
2.0
Turn-On Delay Time
tD(on)
10
nS
VDD = 50V, VGS = 10V,
RG = 25Ω, ID = 12.8A
Turn-On Rise Time
tr
11
Turn-Off Delay Time
tD(off)

42

Turn-Off Fall Time
tf

12

Reverse Recovery Time
trr

30

nS
VGS = 0V, IS=12.8A, di/dt=100A/µs
Reverse Recovery Charge
Qrr

35

nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com