Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUD438S Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STUD438S
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD438S Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STUD438S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD438S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD438S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD438S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD438S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD438S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD438S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD438S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STU/D438S
Ver 1.4
www.samhop.com.tw
Apr,28,2011
3
Tj( °
C)
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C)
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C)
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C)
Figure 6. Breakdown Voltage Variation
with Temperature
80
60
40
20
0
0
0.5
1
1.5
2
2.5
3
100
V GS =10V
V GS =3V
V GS =2.5V
V GS =3.5V
V GS =4V
15
12
9
6
0
0
0.6
1.2
1.8
2.4
3.0
3.6
3
25 C
-55 C
Tj=125 C
12
9
6
3
1
20
40
60
80
100
1
VGS=10V
VGS=4.5V
15
2.0
1.8
1.6
1.4
1.2
1.0
0
0
25
50
125
100
75
V GS =10V
ID=25A
V GS =4.5V
ID=23A
150
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50
-25
0
25
50
75
100
125 150
V DS =V GS
ID=250uA
-50
-25
0
25
50
75
100
125 150
1.40
1.30
1.20
1.10
1.00
0.90
0.80
ID=250uA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com