Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUD449S Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STUD449S
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD449S Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STUD449S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD449S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD449S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD449S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD449S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD449S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD449S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD449S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
-40
V
1
IGSS
±100
nA
VGS(th)
-2
V
33
gFS
24
S
CISS
900
pF
COSS
115
pF
CRSS
90
pF
Qg
21
nC
20
nC
Qgs
51
nC
Qgd
20
tD(ON)
20
ns
tr
2.5
ns
tD(OFF)
5.5
ns
tf
ns
Gate-Drain Charge
VDS=-20V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=-20V
ID=-1A
VGS=-10V
RGEN=6ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=-20V,ID=-12A,VGS=-10V
Fall Time
Turn-On Delay Time
m ohm
VGS=-10V , ID=-12A
VDS=-10V , ID=-12A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=-250uA
VDS=-32V , VGS=0V
VGS=±20V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V,ID=-250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
VGS=-4.5V , ID=-9A
41
57
74
m ohm
f=1.0MHz
VDS=-20V,ID=-12A,
VGS=-10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
www.samhop.com.tw
Apr,01,2010
2
nC
VDS=-20V,ID=-12A,VGS=-4.5V
9.5
c
-2.5
-4
c
VSD
Diode Forward Voltage
VGS=0V,IS= -2A
-0.8
-1.3
V
b
STU/D449S
Ver 1.0
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = -20V.(See Figure13)
_
_
_



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com