Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD9930 Datasheet(PDF) 2 Page - NEC

Part # UPD9930
Description  LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9930 Datasheet(HTML) 2 Page - NEC

  UPD9930 Datasheet HTML 1Page - NEC UPD9930 Datasheet HTML 2Page - NEC UPD9930 Datasheet HTML 3Page - NEC UPD9930 Datasheet HTML 4Page - NEC UPD9930 Datasheet HTML 5Page - NEC UPD9930 Datasheet HTML 6Page - NEC UPD9930 Datasheet HTML 7Page - NEC UPD9930 Datasheet HTML 8Page - NEC UPD9930 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
RESETB
REQB
FSYNC
SCLK
(256 kHz)
SEN
SO
SI
DSPSEL
MCLK
MSTR
MDAT
DCLK
DO
DI
TC1
TC2
DRSTB
DAI
(GSM11. 10)
Low-current drive LED
MICRO-
CONTROLLER
INTERFACE
DSP
INTERFACE
Receive
LPF
Voice send
Digital
Gain Cont.
0 to –2.8 dB
(0.4 dB steps)
Transmit
BPF
PLL
Digital signal processor
D/A
A/D
Pre-Filter
+ Mixer
0 or –3 dB
Vref
Vcombuff
RACOMO
RACOMI
XACOMI
XACOMO
REC2O+
REC2O–
ref
–
+
–
+
Receiver drive amplifier
(Receiver amplifier 2)
REC2I–
REC1O
Post Filter 1
(Accessory output
amplifier)
0 dB fix
Post Filter 2
(Receiver amplifier 1)
0 to -31 dB
(1 dB steps)
to Vref
RAUXO
XAUXI–
XAUXO
(to XACOMO)
MICI+
MICI–
MICO
MIXI
Microphone
amplifier
–
+
–
+
Sign code
output
(15 to 33 dB)
(0 to 10 dB)
to V
ref
to V
Voice receive
Digital
Gain Cont.
0 to –2.4 dB
(0.8 dB steps)
Tone
Gain Cont.
0 to –30 dB
(1 dB steps)
–38.5 dB
Tone
Generator
Tone Interval
Generation
(8 kHz)
Accessory input
amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com