Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT489 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT489
Description  30V NPN MEDIUM POWER TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT489 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT489_15 Datasheet HTML 1Page - Diodes Incorporated FMMT489_15 Datasheet HTML 2Page - Diodes Incorporated FMMT489_15 Datasheet HTML 3Page - Diodes Incorporated FMMT489_15 Datasheet HTML 4Page - Diodes Incorporated FMMT489_15 Datasheet HTML 5Page - Diodes Incorporated FMMT489_15 Datasheet HTML 6Page - Diodes Incorporated FMMT489_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FMMT489
Document number: DS33090 Rev. 4 - 2
2 of 7
www.diodes.com
May 2013
© Diodes Incorporated
FMMT489
A Product Line of
Diodes Incorporated
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current
IC
1
A
Peak Pulse Current
ICM
4
A
Base Current
IB
200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
500
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
250
°C/W
Thermal Resistance, Junction to Lead (Note 6)
RθJL
197
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 7)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
≥ 4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
≥ 400
V
C
Notes:
5. For a device mounted with the collector lead on 15mm X 15mm 1oz weight copper that is on a single-sided FR4 PCB; device is measured under still air
conditions whilst operating in a steady-state.
6. Thermal resistance from junction to solder-point (at the end of the collector lead).
7. Refer to JEDEC specification JESD22-A114 and JESD22-A115.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com