Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT908PC Datasheet(PDF) 5 Page - Level One

Part # LXT908PC
Description  Universal Ethernet Interface Adapter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

LXT908PC Datasheet(HTML) 5 Page - Level One

  LXT908PC Datasheet HTML 1Page - Level One LXT908PC Datasheet HTML 2Page - Level One LXT908PC Datasheet HTML 3Page - Level One LXT908PC Datasheet HTML 4Page - Level One LXT908PC Datasheet HTML 5Page - Level One LXT908PC Datasheet HTML 6Page - Level One LXT908PC Datasheet HTML 7Page - Level One LXT908PC Datasheet HTML 8Page - Level One LXT908PC Datasheet HTML 9Page - Level One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ììðììì
L1
/;7äíå 3LQ $VVLJQPHQWV DQG 6LJQDO 'HVFULSWLRQV
ëì
/('&î
)'(
2
,
&ROOLVLRQ /(' õ/('&ôî)XOO 'XSOH[ (QDEOH õ)'(ôï 2SHQ GUDLQ GULYHU IRU WKH FROOLð
VLRQ LQGLFDWRU /(' SXOOV /RZ GXULQJ FROOLVLRQï /(' ¦2Q§ WLPH õLïHïñ /RZ RXWSXWô LV
H[WHQGHG E\ DSSUR[LPDWHO\ ìíí PVï ,I H[WHUQDOO\ WLHG /RZñ WKH /;7äíå GLVDEOHV WKH
LQWHUQDO 73 ORRSEDFN DQG FROOLVLRQ GHWHFWLRQ FLUFXLWV WR DOORZ IXOO GXSOH[ RSHUDWLRQ RU
H[WHUQDO 73 ORRSEDFNï
ëë
/%.
,
/RRSEDFNï (QDEOHV LQWHUQDO ORRSEDFN PRGHï 5HIHU WR )XQFWLRQDO 'HVFULSWLRQ DQG
7HVW 6SHFLILFDWLRQV IRU GHWDLOVï
ëê
êê
*1'ì
*1'ë
¤
¤
*URXQG 5HWXUQV ì DQG ëï &RQQHFW WR QHJDWLYH SRZHU VXSSO\ WHUPLQDO õJURXQGôï
ëé
5%,$6
,
%LDV &RQWUROï $ìëïéNΩ ìø UHVLVWRU WR JURXQG DW WKLV SLQ FRQWUROV RSHUDWLQJ FLUFXLW
ELDVï
ëç
5;'
2
5HFHLYH 'DWDï 2XWSXW VLJQDO FRQQHFWHG GLUHFWO\ WR WKH UHFHLYH GDWD LQSXW RI WKH FRQð
WUROOHUï 5;' JRHV WR KLJK LPSHGDQFH õWULðVWDWHô ZKHQ /('7î3'1 LV SXOOHG /RZ
H[WHUQDOO\ï
ëæ
&'
2
&DUULHU 'HWHFWï $Q RXWSXW WR QRWLI\ WKH FRQWUROOHU RI DFWLYLW\ RQ WKH QHWZRUNï &'
JRHV WR KLJK LPSHGDQFH õWULðVWDWHô ZKHQ /('7î3'1 LV SXOOHG /RZ H[WHUQDOO\ï
ëå
5&/.
2
5HFHLYH &ORFNï $ UHFRYHUHG ìí 0+] FORFN ZKLFK LV V\QFKURQRXV WR WKH UHFHLYHG GDWD
DQG FRQQHFWHG WR WKH FRQWUROOHU UHFHLYH FORFN LQSXWï 5&/. JRHV WR KLJK LPSHGDQFH
õWULðVWDWHô ZKHQ /('7î3'1 LV SXOOHG /RZ H[WHUQDOO\ï
ëä
1î&
ð
1R &RQQHFWï 7KLV SLQ PXVW EH WLHG WR JURXQG RU GHYLFH GDPDJH PD\ RFFXUï
êí
3/5
2
3RODULW\ 5HYHUVHï 2XWSXW JRHV +LJK WR LQGLFDWH UHYHUVHG SRODULW\ DW WKH 73 LQSXWï
êë
êì
êè
êç
7323$
7323%
7321$
7321%
2
2
2
2
7ZLVWHGð3DLU 7UDQVPLW 3DLUV $ ÷ %ï 7ZR GLIIHUHQWLDO GULYHU SDLU RXWSXWV õ$ DQG %ô
WR WKH WZLVWHGðSDLU FDEOHï7KH RXWSXWV DUH SUHðHTXDOL]HGï (DFK SDLU PXVW EH VKRUWHG
WRJHWKHU ZLWK DQ ììïè Ω ìø UHVLVWRU WR PDWFK DQ LPSHGDQFH RI ìííΩï
êæ
'64(
,
'LVDEOH 64(ï :KHQ '64( LV +LJKñ WKH 64( IXQFWLRQ LV GLVDEOHGï :KHQ '64( LV
/RZñ WKH 64( IXQFWLRQ LV HQDEOHGï 64( PXVW EH GLVDEOHG IRU QRUPDO RSHUDWLRQ LQ
+XEî6ZLWFK DSSOLFDWLRQVï
êå
êä
73,3
73,1
,
,
7ZLVWHGð3DLU 5HFHLYH 3DLUï $ GLIIHUHQWLDO LQSXW SDLU IURP WKH 73 FDEOHï 5HFHLYH ILOWHU
LV LQWHJUDWHG RQðFKLSï 1R H[WHUQDO ILOWHUV DUH UHTXLUHGï
éí
3$8,
,
3RUWî$8, 6HOHFWï ,Q 0DQXDO 3RUW 6HOHFW PRGH õ$8726(/ /RZôñ 3$8, VHOHFWV WKH
DFWLYH SRUWï :KHQ 3$8, LV +LJKñ WKH $8, SRUW LV VHOHFWHGï :KHQ 3$8, LV /RZñ WKH
73 SRUW LV VHOHFWHGï ,Q $XWR 3RUW 6HOHFW PRGHñ 3$8, PXVW EH WLHG WR JURXQGï
éì
éë
',3
',1
,
,
$8, 5HFHLYH 3DLUï 'LIIHUHQWLDO LQSXW SDLU IURP WKH $8, WUDQVFHLYHU ', FLUFXLWï 7KH
LQSXW LV 0DQFKHVWHU HQFRGHGï
éê
éé
'23
'21
2
2
$8, 7UDQVPLW 3DLUï $ GLIIHUHQWLDO RXWSXW GULYHU SDLU IRU WKH $8, WUDQVFHLYHU FDEOHï
7KH RXWSXW LV 0DQFKHVWHU HQFRGHGï
7DEOH ìã /;7äíå 6LJQDO 'HVFULSWLRQV ¤ FRQWLQXHG
3LQ ú
6\PERO
,î2
'HVFULSWLRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com