Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED1050-66-60 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED1050-66-60
Description  LED1050-66-60
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED1050-66-60 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED1050-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
07.04.2011
LED1050-66-60
1 of 1
LED1050-66-60
TECHNICAL DATA
High Power LED Array, 60 chips
GaAs
LED1050-66-60 is a wide viewing and extremely high output power illuminator assembled with a
total of 60 high efficiency GaAs diode chips, mounted on a metal stem TO-66 with AIN ceramics
and covered with double coated clear silicone and epoxy resin.
These devices are designed for high current operation with proper heat sinking to improver thermal
conductive efficiency.
Specifications
• Structure: GaAs, 60 LED chips
• Peak Wavelength: typ. 1050 nm
• Optical Output Power: typ. 120 mW
• Package: TO-66 stem with AIN,
clear silicone and epoxy resin
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
6.0
W
Forward Current
IF
800
mA
Reverse Voltage
VR
30
V
Operating Temperature
Topr
-30 … +80
°C
Storage Temperature
Tstg
-30 … +110
°C
Soldering Temperature *
Tsol
265
°C
* must be completed within 3 seconds
(Unit: mm)
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Total Radiated Power
PO
IF = 600 mA
-
120
-
mW
Forward Voltage
VF
IF = 600 mA
-
7.0
-
V
Reverse Voltage
VR
IR = 10 µA
30
-
-
V
Peak Wavelength
λ
P
IF = 600 mA
1000
1050
1100
nm
Half Width
Δλ
IF = 600 mA
-
55
-
nm
Viewing Half Angle
Θ
1/2
IF = 600 mA
-
±60
-
deg.
Rise Time
tf
IF = 600 mA
-
15
-
ns
Fall Time
tf
IF = 600 mA
-
10
-
ns
Heat Sink is required, thermal resistance <8K/W
Notes
• This high power LED must be cooled!
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED1050-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED1050-35XXX ROITHNER-LED1050-35XXX Datasheet
146Kb / 2P
High Power InGaAsP NIR LED
More results

Similar Description - LED1050-66-60

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
SP-66 TRIAD-SP-66 Datasheet
45Kb / 1P
SP-66
logo
Emerson Network Power
ALO EMERSON-NETWORKPOWER-ALO Datasheet
1Mb / 4P
66/120 Watts
logo
Ningbo Foryard Optoelec...
FYSH-3528UYC-66-12VF FORYARD-FYSH-3528UYC-66-12VF Datasheet
141Kb / 4P
FYSH-3528UYC-66-12VF
logo
FERYSTER Inductive Comp...
OBUD-EFD25 FERYSTER-OBUD-EFD25 Datasheet
93Kb / 1P
PA-66 101L
OBUD-TOR-R10 FERYSTER-OBUD-TOR-R10 Datasheet
193Kb / 1P
pA 66 Recyclingmaterial
logo
ERNI Electronics
101404110001 ERNI-101404110001 Datasheet
83Kb / 1P
Messerleiste C 66 L철t
logo
Alliance Semiconductor ...
AS4C16M16D1A ALSC-AS4C16M16D1A Datasheet
2Mb / 64P
66-pin TSOPII PACKAGE
logo
Molex Electronics Ltd.
SD-130106-018 MOLEX-SD-130106-018 Datasheet
100Kb / 1P
STRINGLIGHT 258.75 FT. (60) 323@39 IN. CENTERS 66 FT. LEAD & 1 FT TAIL
2010/09/02
1301060161 MOLEX-1301060161 Datasheet
100Kb / 1P
STRINGLIGHT 258.75 FT. (60) 323@39 IN. CENTERS 66 FT. LEAD & 1 FT TAIL
2010/09/02
logo
ON Semiconductor
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com