Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED1450-66-60 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED1450-66-60
Description  High Power LED Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED1450-66-60 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED1450-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED1450-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25.04.2012
LED1450-66-60
2 of 2
Precaution for Use
1.
Cautions
•
This high power LED must be cooled!
•
DO NOT look directly into the emitting area of the LED during operation!
•
WARNING: LED is emitting invisible light!
2.
Soldering Conditions
•
DO NOT apply any stress to the lead particularly when heat.
•
After soldering the LEDs should be protected from mechanical shock or vibration until the LEDs return
to room temperature.
•
When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the
mechanical stress on the LEDs.
3.
Static Electricity
•
The LEDs are very sensitive to Static Electricity and surge
voltage. So it is recommended that a wrist band and/or an anti-
electrostatic glove be used when handling the LEDs.
•
All devices, equipment and machinery must be grounded properly.
It is recommended that precautions should be taken against surge
voltage to the equipment that mounts the LEDs.
4.
Heat Generation
•
Thermal design of the end product is of paramount importance. Please consider the heat generation of
the LED when making the system design. The coefficient of temperature increase per input electric
power is affected by the thermal resistance of the circuit board and density of LED placement on the
board, as well as other components. It is necessary to avoid intense heat generation and operate
within the maximum ratings given in the specification.
•
The operating current should be decided after considering the ambient maximum temperature of
LEDs.
5.
Storage
•
The LEDs should be stored at 30°C or less and 60%RH or less after being shipped and the storage
life limits are 3 months. If the LEDs are stored for 3 months or more, they can be stored for a year in a
sealed container with nitrogen atmosphere and moisture absorbent material.
•
Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com