Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDW47-66-60 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LEDW47-66-60
Description  High Power LED Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LEDW47-66-60 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LEDW47-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LEDW47-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25.04.2012
LEDW47-66-60
1 of 2
LEDW47-66-60
TECHNICAL DATA
High Power LED Array, 60 chips
InGaN
LEDW47-66-60 is a wide viewing and extremely high output power illuminator assembled with a
total of 60 high efficiency InGaN blue color diode chips, mounted on a metal stem TO-66 and
covered with silicone resin.
These devices are designed for high current operation with proper heat sinking to improver thermal
conductive efficiency.
Specifications
(Unit: mm)
•
Structure:
InGaN, 60 LED chips
•
Peak Wavelength:
white color
•
Optical Output Power:
60 mW
•
Package:
TO-66 stem
•
Lens:
silicone resin
Absolute Maximum Ratings (TA=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
8.5
W
Forward Current
IF
400
mA
Pulse Forward Current *
1
IFP
2000
mA
Reverse Voltage
VR
30
V
Operating Temperature
Topr
-30 … +80
°C
Storage Temperature
Tstg
-30 … +110
°C
Soldering Temperature *
2
Tsol
240
°C
*
1 duty = 1%, pulse width = 1 µs
*
2 must be completed within 3 seconds at 260°C
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak Wavelength
λ
P
IF = 240 mA
*
nm
Half Width
Δλ
IF = 240 mA
-
-
-
nm
Total Radiated Power
PO
IF = 240 mA
-
60
-
mW
Radiant Intensity
IE
IF = 240 mA
-
35
-
mW/sr
Brightness
IV
IF = 240 mA
-
13
-
cd
Forward Voltage
VF
IF = 240 mA
-
19.0
-
V
Reverse Voltage
VR
IR = 10 µA
50
-
-
V
Viewing Half Angle
Θ
1/2
IF = 240 mA
-
±55
-
deg.
* x: 2.3±0.3E-01, y: 2.2±0.3E-01
Heat Sink is required
, to keep the LED at ≤60 °C.
Note: The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LEDW47-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LEDW47-66-60-110 ROITHNER-LEDW47-66-60-110 Datasheet
123Kb / 2P
High Power LED Array
logo
List of Unclassifed Man...
LEDW47-66-60-120 ETC2-LEDW47-66-60-120 Datasheet
75Kb / 1P
Flat Lens Type White Color Light Illuminato
More results

Similar Description - LEDW47-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED47W-66-16100 ROITHNER-LED47W-66-16100 Datasheet
136Kb / 2P
High Power LED Array
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED385-66-60-110 ROITHNER-LED385-66-60-110 Datasheet
123Kb / 2P
High Power LED Array
LED450-66-60 ROITHNER-LED450-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED590-66-60 ROITHNER-LED590-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED645-66-60 ROITHNER-LED645-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED670-66-60 ROITHNER-LED670-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED850-66-60 ROITHNER-LED850-66-60 Datasheet
275Kb / 3P
High Power LED Array
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
High Power LED Array
LED1300-66-60 ROITHNER-LED1300-66-60 Datasheet
137Kb / 2P
High Power LED Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com