Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT511-2 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PT511-2
Description  TO-Can PIN Photodiode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PT511-2 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PT511-2 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15.11.2010
PT511-2
1 of 1
PT511-2
TECHNICAL DATA
TO-Can PIN Photodiode
PT511-2 is an InGaAs pin structure based photodiode on InP by MOCVD method and planar
diffusing technology. The sensitive area is Ø 300µm respectively. TO-46 package with flat glass
lens.
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Reverse Voltage
UR
30
V
Reverse current
IR
1000
µA
Forward current
IF
5
mA
Power Dissipation
PD
100
mW
Operating Temperature
Topr
-40 … +85
°C
Storage Temperature
Tstg
-40 … +125
°C
Soldering Temperature *
Tsol
260
°C
* must be completed within 10 seconds
Specifications
Item
Value
Unit
Wavelength Range
850 .. 1650
nm
Sensitive Area
Ø 300
µm
Unsaturated Power
10
dBm
Responsivity
λ=1300 nm
0.85
A/W
Capacitance (-5 V)
2
pF
Dark Current (-5 V)
≤1
nA
Rise/Fall time
3
ns
Saturation Power
>10
dB
Drawing (mm)
Bottom View


Similar Part No. - PT511-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5110 TI-PT5110 Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110A TI-PT5110A Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110C TI-PT5110C Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110L TI-PT5110L Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110M TI-PT5110M Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT511-2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ3108 PANASONIC-PNZ3108 Datasheet
44Kb / 2P
PIN Photodiode
PNZ331CL PANASONIC-PNZ331CL Datasheet
53Kb / 3P
PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FER2 KODENSHI-HPI-6FER2 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FGR4 KODENSHI-HPI-6FGR4 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
PIN Photodiode
HPI-2464 KODENSHI-HPI-2464 Datasheet
224Kb / 2P
PIN Photodiode
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
PIN Photodiode
logo
Roithner LaserTechnik G...
PT511B ROITHNER-PT511B Datasheet
148Kb / 2P
TO-Can PIN Photodiode
PT521 ROITHNER-PT521 Datasheet
133Kb / 2P
TO-Can PIN Photodiode
PT410 ROITHNER-PT410 Datasheet
134Kb / 2P
TO-Can PIN Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com