Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCD65R360S Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HCD65R360S
Description  Superior Avalanche Rugged Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCD65R360S Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HCD65R360S Datasheet HTML 1Page - SemiHow Co.,Ltd. HCD65R360S Datasheet HTML 2Page - SemiHow Co.,Ltd. HCD65R360S Datasheet HTML 3Page - SemiHow Co.,Ltd. HCD65R360S Datasheet HTML 4Page - SemiHow Co.,Ltd. HCD65R360S Datasheet HTML 5Page - SemiHow Co.,Ltd. HCD65R360S Datasheet HTML 6Page - SemiHow Co.,Ltd. HCD65R360S Datasheet HTML 7Page - SemiHow Co.,Ltd. HCD65R360S Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0
5
10
15
20
25
0
2
4
6
8
10
12
V
DS = 325V
V
DS = 130V
V
DS = 520V
Note : I
D = 11A
Q
G, Total Gate Charge [nC]
10
0
10
1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom : 4.5 V
* Notes :
1. 300us Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
048
12
16
20
24
0.0
0.2
0.4
0.6
0.8
1.0
V
GS = 20V
V
GS = 10V
Note : T
J = 25
oC
I
D, Drain Current [A]
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
2468
10
0.1
10
-25
oC
25
oC
* Notes :
1. V
DS= 30V
2. 300us Pulse Test
V
GS, Gate-Source Voltage [V]
150
oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
150
oC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com