Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS3536 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # PFS3536
Description  AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PFS3536 Datasheet(HTML) 1 Page - Won-Top Electronics

  PFS3536 Datasheet HTML 1Page - Won-Top Electronics PFS3536 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Diffused Junction
Low Leakage
A
Low Cost
Anode
+
High Surge Current Capability
Typical IR less than 200nA
Rugged 2.54mm Dia. Lead
Mechanical Data
Case: DO-21, Copper Case and Components
Hermetically Sealed
Terminals: Contact Areas Readily Solderable
C
Polarity: Cathode to Case (Reverse Units Are
Available Upon Request and Are Designated
F
By A “R” Suffix, i.e. PFS3520R or PFS3524R)
Polarity: Red Color Equals Standard,
D
Black Color Equals Reverse Polarity
E
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
B
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PFS3520
PFS3524
PFS3536
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
16
20
32
V
Average Rectified Output Current
@TC = 150°C
IO
35
A
Breakdown Voltage Min.
@IR = 100mA
Breakdown Voltage Max.
@IR = 100mA
VBR
20
26
24
32
36
42
V
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 35A
VFM
1.0
V
Peak Reverse Current
At Rated DC Blocking Voltage
@TA = 25°C
IRM
200
nA
Typical Junction Capacitance (Note 1)
CJ
300
pF
Typical Thermal Resistance (Note 2)
RθJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
PFS3520, PFS3524, PFS3536
35A AVALANCHE 1/2” RUGGED LEAD PRESS-FIT DIODE
WON-TOP ELECTRONICS
®
DO-21 Rugged Lead
Dim
Min
Max
A
15.77
15.97
B
12.73
12.82
C
2.54 Ø Typical
D
9.55
9.85
E
5.70
5.90
F
22.55
22.85
All Dimensions in mm


Similar Part No. - PFS3536

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PFS35 RIEDON-PFS35 Datasheet
204Kb / 2P
Power SMD Film Resistors
PFS35 RIEDON-PFS35 Datasheet
175Kb / 2P
Power SMD Film Resistors
PFS35 RIEDON-PFS35 Datasheet
163Kb / 2P
Power SMD Film Resistors
PFS35-0R01J1 RIEDON-PFS35-0R01J1 Datasheet
145Kb / 2P
Power SMD Film Resistors
PFS35-0R05J1 RIEDON-PFS35-0R05J1 Datasheet
145Kb / 2P
Power SMD Film Resistors
More results

Similar Description - PFS3536

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF3520 WTE-PF3520 Datasheet
29Kb / 2P
35A AVALANCHE 1/2 PRESS-FIT DIODE
PF5020 WTE-PF5020 Datasheet
29Kb / 2P
50A AVALANCHE 1/2 PRESS-FIT DIODE
PFW3520 WTE-PFW3520 Datasheet
32Kb / 2P
35A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PFW5020 WTE-PFW5020 Datasheet
32Kb / 2P
50A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PF3520 WTE-PF3520_14 Datasheet
32Kb / 2P
35A AVALANCHE 1/2??PRESS-FIT DIODE
PF5020 WTE-PF5020_14 Datasheet
32Kb / 2P
50A AVALANCHE 1/2??PRESS-FIT DIODE
PFS2500 WTE-PFS2500 Datasheet
32Kb / 2P
25A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS3500 WTE-PFS3500 Datasheet
32Kb / 2P
35A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5000 WTE-PFS5000 Datasheet
32Kb / 2P
50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5020 WTE-PFS5020 Datasheet
32Kb / 2P
50A AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com