Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC108C Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BC108C
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BC108C Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BC108C Datasheet HTML 1Page - Central Semiconductor Corp BC108C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC107,A,B
BC108B,C
BC109B,C
NPN SILICON TRANSISTOR
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING:
FULL PART NUMBER
TO-18 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC107)
125
500
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC107A)
125
260
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC107B, BC108B, BC109B)
240
500
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC108C)
500
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC109C)
450
900
fT
VCE=5.0V, IC=10mA, f=100MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
4.5
pF
NF
VCE=5.0V, IC=0.2mA, Rg=2.0kΩ, B=200Hz, f=1.0kHz (BC107, BC108)
10
dB
NF
VCE=5.0V, IC=0.2mA, Rg=2.0kΩ, B=200Hz, f=1.0kHz (BC109)
4.0
dB
www.centr a lsemi.com
R1 (16-August 2012)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com