Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3018SSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3018SSD
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3018SSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3018SSD_15 Datasheet HTML 1Page - Diodes Incorporated DMN3018SSD_15 Datasheet HTML 2Page - Diodes Incorporated DMN3018SSD_15 Datasheet HTML 3Page - Diodes Incorporated DMN3018SSD_15 Datasheet HTML 4Page - Diodes Incorporated DMN3018SSD_15 Datasheet HTML 5Page - Diodes Incorporated DMN3018SSD_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3018SSD
Document number: DS35583 Rev. 3 - 2
2 of 6
www.diodes.com
January 2013
© Diodes Incorporated
DMN3018SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
6.7
5.3
A
t < 10s
TA = +25°C
TA = +70°C
ID
8.7
6.9
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
60
A
Maximum Body Diode continuous Current
IS
2.0
A
Avalanche Current (Note 6) L = 0.1mH
IAR
19
A
Repetitive Avalanche Energy (Note 6) L = 0.1mH
EAR
18
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
83
°C/W
t < 10s
50
°C/W
Thermal Resistance, Junction to Case (Note 5)
RθJC
14.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1
1.7
2.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
—
16
22
mΩ
VGS = 10V, ID = 10A
—
23
30
VGS = 4.5V, ID = 6A
Forward Transfer Admittance
|Yfs|
—
8.3
—
S
VDS = 5V, ID = 6.9A
Diode Forward Voltage
VSD
0.5
—
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
697
—
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
97
—
Reverse Transfer Capacitance
Crss
—
67
—
Gate resistance
Rg
—
1.47
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
6.0
—
nC
VGS = 10V, VDS = 15V,
ID = 9A
Total Gate Charge (VGS = 10V)
Qg
—
13.2
—
Gate-Source Charge
Qgs
—
2.2
—
Gate-Drain Charge
Qgd
—
1.8
—
Turn-On Delay Time
tD(on)
—
4.3
—
ns
VDD = 15V, VGS = 10V,
RL = 15Ω, ID = 1A, RG = 6Ω
Turn-On Rise Time
tr
—
4.4
—
Turn-Off Delay Time
tD(off)
—
20.1
—
Turn-Off Fall Time
tf
—
4.1
—
Reverse Recovery Time
trr
—
7.3
—
ns
IF = 9A, di/dt = 500A/μs
Reverse Recovery Charge
Qrr
—
7.9
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
6. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = +25°C
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com