Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS2202 Datasheet(PDF) 5 Page - Winson Semiconductor Corp.

Part # WCS2202
Description  Hall Effect Base Linear AC Current Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2202 Datasheet(HTML) 5 Page - Winson Semiconductor Corp.

  WCS2202 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2202 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2202 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2202 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2202 Datasheet HTML 5Page - Winson Semiconductor Corp. WCS2202 Datasheet HTML 6Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
WCS2202
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
Sensitivity:
Sensitivity vs. Supply Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
3
4
5
6
7
8
9
10
11
12V
( V/A )
Sensitivity vs. Supply Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5 V
( V/A )
Sensitivity standardization vs. Temperature (Vdd=5V, 30 oC)
0.000
0.250
0.500
0.750
1.000
1.250
0.892
0.920
0.959
0.985
1.005
1.007
1.005
1.000
0.987
0.970
0.947
0.921
0.889
0.677
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com