Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS2705 Datasheet(PDF) 3 Page - Winson Semiconductor Corp.

Part # WCS2705
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2705 Datasheet(HTML) 3 Page - Winson Semiconductor Corp.

  WCS2705 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2705 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2705 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2705 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2705 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WCS2705
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
Electrical Characteristics:
(T=+25
˚C, Vdd=5.0V )
Characteristic
Symbol Test Conditions
Min
Typ Max Units
Supply Voltage
Vcc
─
3.0
─
12
V
Supply Current
Isupply
IP =0 A
─
3.5
6.0
mA
Zero Current Vout
V0G
IP =0 A
2.4
2.5
2.6
V
Primary Conductor Resistance
Rprimary
IP =5 A
─
8.3
─
m
Ω
Sensitivity
△Vout
IP= ± 5 A
217
255
293
mV/A
Bandwidth
BW
-
10
-
kHz
Measurable Current Range
MCR
Vdd=5V (DC)
-
±7.5
-
A
Vdd=5V (AC RMS )
-
5
-
Temperature Drift
△Vout
Ip =0 A
-
±0.5
-
mV/℃
1.All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
2. Do not apply any load on output pin, it will degrade IC’s performance.
Electrical Diagram:
WCS2705 Sensitivity standardization(30℃) vs. Temperature
0.500
0.600
0.700
0.800
0.900
1.000
1.100
數列1 0.864
0.913
0.956
0.983
0.998
1.007
1.007
1.000
0.985
0.967
0.946
0.919
0.893
0.859
0.825
0.782
0.740
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120℃
WCS2705 Vout V.S IP (+)
y = 0.1388x + 2.3303 Best linear equations
R² = 0.9987 the goodness of fit of the trend line
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5 (A)
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com