Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFP2N60U Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HFP2N60U
Description  Superior Avalanche Rugged Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP2N60U Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HFP2N60U Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP2N60U Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP2N60U Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP2N60U Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP2N60U Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP2N60U Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP2N60U Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP2N60U Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=53mH, I
AS=2A, VDD=50V, RG=25
, Starting T
J =25 C
3. I
SD
di/dt
, V
DD
DSS , Starting TJ =25
C
4. Pulse Test : Pulse Width
5. Essentially Independent of Operating Temperature
Electrical Characteristics T
C=25
C unless otherwise specified
I
S
Continuous Source-Drain Diode Forward Current
--
--
2.0
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
8.0
V
SD
Source-Drain Diode Forward Voltage
I
S = 2.0 A, VGS = 0 V
--
--
1.4
V
trr
Reverse Recovery Time
I
S = 2.0 A, VGS = 0 V
di
F/dt = 100 A/
(Note 4)
--
206
--
Qrr
Reverse Recovery Charge
--
0.76
--
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250
2.5
--
4.5
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 1.0 A
--
4.0
5.0
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250
600
--
--
V
BV
DSS
/ T
J
Breakdown Voltage Temperature
Coefficient
I
D = 250
, Referenced to 25
--
0.6
--
V/
I
DSS
Zero Gate Voltage Drain Current
V
DS = 600 V, VGS = 0 V
--
--
1
V
DS = 480 V, TC = 125
--
--
10
I
GSS
Gate-Body Leakage Current
V
GS =
30 V, V
DS = 0 V
--
--
100
Off Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
320
420
C
oss
Output Capacitance
--
38
50
C
rss
Reverse Transfer Capacitance
--
6.5
8.5
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 300 V, ID = 2.0 A,
R
G = 25
(Note 4,5)
--
20
50
t
r
Turn-On Rise Time
--
20
50
t
d(off)
Turn-Off Delay Time
--
30
70
t
f
Turn-Off Fall Time
--
20
50
Q
g
Total Gate Charge
V
DS = 480 V, ID = 2.0 A,
V
GS = 10 V
(Note 4,5)
--
5.5
7.5
nC
Q
gs
Gate-Source Charge
--
1.8
--
nC
Q
gd
Gate-Drain Charge
--
3.5
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
Package Marking and Odering Information
Device Marking
Week Marking
Package
Packing
Quantity
RoHS Status
HFP2N60U
YWWX
TO-220
Tube
50
Pb Free
HFP2N60U
YWWXg
TO-220
Tube
50
Halogen Free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com