Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS2720 Datasheet(PDF) 3 Page - Winson Semiconductor Corp.

Part # WCS2720
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2720 Datasheet(HTML) 3 Page - Winson Semiconductor Corp.

  WCS2720 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2720 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2720 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2720 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2720 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WCS2720
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
Electrical Characteristics:
(T=+25
˚C, Vdd=5.0V )
Characteristic
Symbol Test Conditions
Min
Typ Max Units
Supply Voltage
Vcc
─
3.0
─
12
V
Supply Current
Isupply
IP =0 A
─
3.5
6.0
mA
Zero Current Vout
V0G
IP =0 A
2.4
2.5
2.6
V
Primary Conductor Resistance
Rprimary
IP =10 A
─
0.4
─
mΩ
Sensitivity
△Vout
IP= ±10 A
54
64
74
mV/A
Bandwidth
BW
-
23
-
kHz
Measurable Current Range
MCR
Vdd=5V (DC current)
-
±30
-
A
Vdd=5V (AC RMS )
-
20
-
Temperature Drift
△Vout
Ip =0 A
-
±0.5
-
mV/℃
1.All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
2. Do not apply any load on output pin, it will degrade IC’s performance.
Electrical Diagram:
WCS2720 Vout V.S IP (+)
y = 0.0321x + 2.5274 Best linear equations
R² = 0.9998 the goodness of fit of the trend line
2
2.2
2.4
2.6
2.8
3
3.2
3.4
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10(A)
(V)
WCS2720 Sensitivity standardization of 30℃ V.S Temperature
0
0.2
0.4
0.6
0.8
1
1.2
數列1 0.8269 0.8853 0.9308 0.9604 0.9819 0.9936 0.9997
1
0.9928 0.9783 0.9578 0.9344 0.9057 0.8716 0.8376 0.8009 0.7643
-40℃
-30℃
-20℃
-10℃
0℃
10℃
20℃
30℃
40℃
50℃
60℃
70℃
80℃
90℃
100℃
110℃
120℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com