Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS2750 Datasheet(PDF) 3 Page - Winson Semiconductor Corp.

Part # WCS2750
Description  Hall Effect Base Linear Current Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2750 Datasheet(HTML) 3 Page - Winson Semiconductor Corp.

  WCS2750 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2750 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2750 Datasheet HTML 3Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WCS2750
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
Bandwidth
BW
-
23
-
kHz
Measurable Current Range
MCR
Vdd=5V(DC current)
-
±60
-
A
Vdd=5V(AC RMS )
-
40
-
Temperature Drift
△Vout
Ip =0 A
-
±0.5
-
mV/℃
1.All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
2. Do not apply any load on output pin, it will degrade IC’s performance.
Normalized Sensitivity (by 30oC) vs. Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120 oC
Package Information:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com