Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD19-C Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SPD19-C
Description  Silicone PD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SPD19-C Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SPD19-C Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
03.02.2014
SPD19-C
1 of 1
SPD19-C
TECHNICAL DATA
Silicone PD, SMD package
SPT19-C is a surface mount type PIN-photodiode containing a chip with 0.44x0.44 mm active
area, mounted into a ceramic package and covered with silicone. This device is featuring excellent
responsibility of 6 ns and a high photocurrent. It’s designed to be easy of setting up optically with a
wide angle of half sensitivity of ±40 degrees.
Specifications
(Unit: mm)
•
Spectral Responsivity (Peak):
900 nm
•
Chip Size:
0.6 x 0.6 mm
•
Active Area:
0.44 x 0.44 mm
•
Package:
SMD
Type:
Ceramics
Resin Material:
Silicone
Absolute Maximum Ratings (TA=25°C)
Item
Symbol
Value
Unit
Reverse Breakdown Voltage
V(BR)R
170
V
Operating Temperature
Topr
-25 … +100
°C
Storage Temperature
Tstg
-30 … +125
°C
Soldering Temperature *
1
Tsol
255
°C
*
1 must be completed within 3 seconds
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Reverse Photo Current
IL
VR=10V, L=1000Lx
-
6
-
µA
Reverse Dark Current
ID
VR=10V
-
-
10
nA
Open Circuit Voltage
VOC
VR=10V, L=1000Lx
-
390
-
mV
Spectral Responsivity
(Peak)
λ
P
-
900
-
nm
Half Angle of Sensitivity
Θ
1/2
±40
-
deg
Total Capacitance
CT
VR=10V, f=1MHz
-
6
-
pF
Rise Time (10-90%)
tr
RL=1K
Ω, V
R=10V
-
6
-
ns
Fall Time (10-90%)
tf
-
6
-
ns
Note: The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SPD19-C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD1001 SSDI-SPD1001 Datasheet
173Kb / 2P
1 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SPD1002 SSDI-SPD1002 Datasheet
30Kb / 2P
2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD1002SMS SSDI-SPD1002SMS Datasheet
30Kb / 2P
2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD1002SMS SSDI-SPD1002SMS Datasheet
108Kb / 2P
SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
SPD100G ETC1-SPD100G Datasheet
51Kb / 4P
Smartec Pressure Sensor
More results

Similar Description - SPD19-C

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SPD17-0F ROITHNER-SPD17-0F Datasheet
98Kb / 1P
Silicone PD
SPD17-0T ROITHNER-SPD17-0T Datasheet
100Kb / 1P
Silicone PD
SPD64-02 ROITHNER-SPD64-02 Datasheet
112Kb / 2P
Silicone PD
SPD64-04 ROITHNER-SPD64-04 Datasheet
117Kb / 2P
Silicone PD
SPD400-0F ROITHNER-SPD400-0F Datasheet
101Kb / 1P
Silicone PD
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
logo
NTE Electronics
72-003 NTE-72-003 Datasheet
67Kb / 1P
Silicone Cable
logo
OSRAM GmbH
LD-CQDP OSRAM-LD-CQDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
GW-CSSRM2.PM OSRAM-GW-CSSRM2.PM Datasheet
2Mb / 25P
SMT ceramic package with silicone resin and silicone lens
LUW-CQ7P OSRAM-LUW-CQ7P Datasheet
1Mb / 26P
SMT ceramic package with silicone resin and silicone lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com