Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-151PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # AM-151PIN
Description  Cascadable Thin Film Amplifier, 12 dB Gain, 5 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-151PIN Datasheet(HTML) 1 Page - Tyco Electronics

  AM-151PIN Datasheet HTML 1Page - Tyco Electronics AM-151PIN Datasheet HTML 2Page - Tyco Electronics AM-151PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
5 dB Typical Midband Noise Figure
n
+38 dBm Typical Midband Third Order Intercept
n
+21 dBm Typical Midband 1 dB Compression
Description
M/A-COM’s AM-151 is a coupler feedback amplifier with
high intercept and compression points. The use of coupler
feedback minimizes noise figure and current in a high
intercept amplifier. This amplifier is packaged in a TO-8
package. Due to the internal power dissipation the thermal
rise minimized. The ground plane on the PC board should
be configured to remove heat from under the package.
AM-151 is ideally suited for use where a high intercept,
high reliability amplifier is required.
Cascadable Thin Film Amplifier,
12 dB Gain, 5 - 500 MHz
TO-8-1
C-32
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max. Input Power
+20 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
V 3.00


Similar Part No. - AM-151PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-151 MACOM-AM-151 Datasheet
176Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
AM-151 MA-COM-AM-151 Datasheet
83Kb / 2P
Cascadable Amplifier 10 to 500MHz
AM-151 MA-COM-AM-151 Datasheet
481Kb / 3P
Cascadable Amplifier 10 to 500MHz
AM-151-AMC-151 MA-COM-AM-151-AMC-151 Datasheet
83Kb / 2P
Cascadable Amplifier
AM-151-AMC-151 MA-COM-AM-151-AMC-151_15 Datasheet
83Kb / 2P
Cascadable Amplifier
More results

Similar Description - AM-151PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-AMC-176 MACOM-AM-AMC-176 Datasheet
222Kb / 3P
Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
AM-AMC-182 MACOM-AM-AMC-182 Datasheet
219Kb / 3P
Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
AM-176 MACOM-AM-176 Datasheet
160Kb / 3P
Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
AM-182 MACOM-AM-182 Datasheet
259Kb / 3P
Cascadable Thin Film Amplifier 28 dB Gain, 5 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-176 MA-COM-AM-176 Datasheet
83Kb / 3P
Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
AM-182 MA-COM-AM-182 Datasheet
87Kb / 3P
Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
logo
Teledyne Technologies I...
UTOUTC0509 TELEDYNE-UTOUTC0509 Datasheet
317Kb / 5P
Thin-Film Cascadable Amplifier 5 to 500 MHz
UTOUTC0517 TELEDYNE-UTOUTC0517 Datasheet
166Kb / 5P
Thin-Film Cascadable Amplifier 5 to 500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com