Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS10N80 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFS10N80
Description  Superior Avalanche Rugged Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS10N80 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFS10N80 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS10N80 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS10N80 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS10N80 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS10N80 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS10N80 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS10N80 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dec 2010
BV
DSS = 800 V
R
DS(on) typ = 0.92
I
D = 9.4 A
HFS10N80
800V N-Channel MOSFET
TO-220F
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 58 nC (Typ )
FEATURES
2
1
3
1.Gate 2. Drain 3. Source
Unrivalled Gate Charge : 58 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON) : 0.92
(Typ.) @V
GS=10V
100% Avalanche Tested
Absolute Maximum Ratings
T
C=25
unless otherwise specified
Symbol
Parameter
Value
Units
V
Drain Source Voltage
800
V
V
DSS
Drain-Source Voltage
800
V
I
D
Drain Current
– Continuous (T
C = 25
9.4*
A
Drain Current
– Continuous (T
C = 100
5.9*
A
I
DM
Drain Current
– Pulsed
(Note 1)
36.0*
A
V
GS
Gate-Source Voltage
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
920
mJ
I
Avalanche Current
(Note 1)
94
A
I
AR
Avalanche Current
(Note 1)
9.4
A
E
AR
Repetitive Avalanche Energy
(Note 1)
6.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
C = 25
65
W
0.52
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
300
Thermal Resistance Characteristics
1/8” from case for 5 seconds
300
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
1.93
R
JA
Junction-to-Ambient
--
62.5
* Drain current limited by maximum junction temperature


Similar Part No. - HFS10N80

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS10N60 SEMIHOW-HFS10N60 Datasheet
668Kb / 7P
600V N-Channel MOSFET
HFS10N60S SEMIHOW-HFS10N60S Datasheet
792Kb / 7P
600V N-Channel MOSFET
HFS10N60U SEMIHOW-HFS10N60U Datasheet
306Kb / 7P
Superior Avalanche Rugged Technology
HFS10N65S SEMIHOW-HFS10N65S Datasheet
906Kb / 7P
650V N-Channel MOSFET
HFS10N65U SEMIHOW-HFS10N65U Datasheet
307Kb / 7P
Superior Avalanche Rugged Technology7
More results

Similar Description - HFS10N80

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD65R360S SEMIHOW-HCD65R360S Datasheet
268Kb / 8P
Superior Avalanche Rugged Technology
HCS65R600S SEMIHOW-HCS65R600S Datasheet
166Kb / 7P
Superior Avalanche Rugged Technology
HFD8N70U SEMIHOW-HFD8N70U Datasheet
264Kb / 8P
Superior Avalanche Rugged Technology
HFN6N70U SEMIHOW-HFN6N70U Datasheet
256Kb / 7P
Superior Avalanche Rugged Technology
HFP2N60U SEMIHOW-HFP2N60U Datasheet
197Kb / 8P
Superior Avalanche Rugged Technology
HFP5N50U SEMIHOW-HFP5N50U Datasheet
209Kb / 8P
Superior Avalanche Rugged Technology
HFP5N70S SEMIHOW-HFP5N70S Datasheet
180Kb / 8P
Superior Avalanche Rugged Technology
HFP13N50U SEMIHOW-HFP13N50U Datasheet
169Kb / 8P
Superior Avalanche Rugged Technology
HFP13N65U SEMIHOW-HFP13N65U Datasheet
200Kb / 8P
Superior Avalanche Rugged Technology
HFP50N06GC SEMIHOW-HFP50N06GC Datasheet
175Kb / 8P
Superior Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com