Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-162PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-162PIN
Description  Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-162PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-162PIN Datasheet HTML 1Page - Tyco Electronics AM-162PIN Datasheet HTML 2Page - Tyco Electronics AM-162PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-/AMC-/AMS-162
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V3.00
2
Electrical Specifications
1 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25°C
50 MHz
dB
12.0
12.5
13.0
Frequency Response
—
10 - 100 MHz
dB
—
—
±0.6
Gain Variation with
Temperature
—
10 - 100 MHz
dB
—
—
±0.6
1 dB Compression
Output Power
10 - 100 MHz
dBm
+13
—
—
Noise Figure
—
10 - 100 MHz
dB
—
—
1.6
Reverse Transmission
—
10 - 100 MHz
dB
—
-15
-14
VSWR
—
10 - 100 MHz
Ratio
—
—
2.0:1
Output IP2
Two-tone inputs up to 0 dBm
10 - 100 MHz
dBm
+40
—
—
Output IP3
Two-tone inputs up to 0 dBm
10 - 100 MHz
dBm
+26
—
—
Vbias
—
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
—
mA
—
11
15
Power Dissipation
@ +15V Bias
—
mW
—
165
—
S-Parameter Data
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.07
165
4.06
66
0.18
0.09
169.1
20
0.09
-166.8
4.13
-6.5
0.17
0.09
-159.2
60
0.11
-152.0
4.19
-39.8
0.17
0.13
-118.5
100
0.12
174.1
4.15
-72.1
0.16
0.15
-123.6
Frequency (MHz)
30
0.08
-151.5
4.18
-15.8
0.17
0.09
-129.5
40
0.10
-146.9
4.20
-24.0
0.17
0.11
-120.3
50
0.11
-147.9
4.23
-32.2
0.17
0.12
-117.7
70
0.12
-159.7
4.20
-47.7
0.17
0.14
-120.3
85
0.12
-171.2
4.17
-59.5
0.16
0.14
-122.6
1. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
Pin Configuration (For AMS-162)
Pin No.
Function
Pin No.
Function
1
RF OUT
3
RF IN
2
VDC
4
GND
Absolute Maximum Ratings
2
2. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com