Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-113 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-113
Description  3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-113 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-113 Datasheet HTML 1Page - Tyco Electronics AT-113 Datasheet HTML 2Page - Tyco Electronics AT-113 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 3.0
-3
-2
-1
0
1
2
3
0
0.4
0.8
1.2
1.6
2
2.4
2.8
CO NT RO L VO L T AGE (V O LTS )
- 40 °C
+ 85°C
Typical Performance Curves
Attenuation vs. Temperature, Normalized to
+25°C, f = 900 MHz
Functional Schematic
1, 2, 3
Parameter
Absolute Maximum
Maximum Input Power
+21 dBm
Supply Voltage VCC
-1V, +8V
Control Voltage VC
-1V, VCC +0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1
1.
Exceeding any one or a combination of these limits may cause
permanent damage.
1.
VCC = +3 VDC @ 50 µA max.
2.
VC = 0 VDC to +3 VDC @ 50 µA max.
3.
External DC blocking capacitors are required on all RF ports.
4.
39pF used for data measurements.
8
76
5
1
3
2
4
GN D
R F
G N D
V c
GN D
GN D
RF
Vc c
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.4
0.8
1.2
1.6
2
2.4
2.8
CONTROL VOLTAGE (VOLTS)
2.4 GHz
1.8 GHz
0.9 GHz
Attenuation vs. Control Voltage @ +25°C
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.4
0.9
1.4
2.0
2.5
3.0
FREQUENCY (GHz)
Attenuation vs. Frequency @ 0V, +25°C
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.4
0.9
1.4
2.0
2.5
3.0
FREQUENCY (GHz)
Insertion Loss vs. Frequency @ +25°C
3 Volt Voltage Variable Absorptive Attenuator, 40 dB, 0.5 - 2.0 GHz
AT-113
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com