Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9489F Datasheet(PDF) 21 Page - Rohm

Part # BD9489F
Description  DCDC converter with current mode
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9489F Datasheet(HTML) 21 Page - Rohm

Back Button BD9489F Datasheet HTML 17Page - Rohm BD9489F Datasheet HTML 18Page - Rohm BD9489F Datasheet HTML 19Page - Rohm BD9489F Datasheet HTML 20Page - Rohm BD9489F Datasheet HTML 21Page - Rohm BD9489F Datasheet HTML 22Page - Rohm BD9489F Datasheet HTML 23Page - Rohm BD9489F Datasheet HTML 24Page - Rohm BD9489F Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Datasheet
Datasheet
21/36
TSZ02201-0F1F0C100250-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
29.Oct 2014 Rev.002
www.rohm.com
TSZ22111・15・001
BD9489F
3.3 DCDC Parts Selection
3.3.1. OCP Setting / Calculation Method for the Current Rating of DCDC Parts
OCP detection stops the switching when the CS pin voltage is more than 0.4V. The resistor value of CS pin, RCS needs to
be considered by the coil L current. And the current rating of DCDC external parts is required more than the peak current
of the coil.
Shown below are the calculation method of the coil peak current, the selection method of Rcs (the resistor value of CS
pin) and the current rating of the external DCDC parts at Continuous Current Mode.
(the calculation method of the coil peak current, Ipeak at Continuous Current Mode)
At first, since the ripple voltage at CS pin depends on the application
condition of DCDC, the following variables are used.
Vout voltage=VOUT[V]
LED total current=IOUT[A]
DCDC input voltage of the power stage =VIN[V]
Efficiency of DCDC =
η[%]
And then, the average input current IIN is calculated by the following
equation.
And the ripple current of the inductor L (
ΔIL[A]) can be calculated by using
DCDC the switching frequency, fsw, as follows.
On the other hand, the peak current of the inductor Ipeak can be expressed
as follows.
… (1)
Therefore, the bottom of the ripple current Imin is
or 0
If Imin>0, the operation mode is CCM (Continuous Current Mode),
otherwise the mode is DCM (Discontinuous Current Mode).
(the selection method of Rcs at Continuous Current Mode)
Ipeak flows into Rcs and that causes the voltage signal to CS pin. (Please
refer to the timing chart at the right)
Peak voltage VCSpeak is as follows.
As this VCSpeak reaches 0.4V, the DCDC output stops the switching.
Therefore, Rcs value is necessary to meet the condition below.
(the current rating of the external DCDC parts)
The peak current as the CS voltage reaches OCP level (0.4V) is defined as Ipeak_det.
… (2)
The relationship among Ipeak (equation (1)), Ipeak_det (equation (2)) and the current rating of parts is required to meet
the following
Please make the selection of the external parts such as FET, Inductor, diode meet the above condition.
[setting example]
Output voltage = VOUT [V] = 40V
LED total current = IOUT [A] = 0.48V
 
]
A
[
[%]
]
V
[
V
]
A
[
I
]
V
[
V
I
IN
OUT
OUT
IN
]
A
[
]
Hz
[
f
]
V
[
V
]
H
[
L
]
V
[
V
])
V
[
V
]
V
[
V
(
IL
SW
OUT
IN
IN
OUT
Δ
]
A
[
]
A
[
IL
]
A
[
I
Ipeak
IN
2
]
V
[
Ipeak
Rcs
VCS
peak


det
_
peak
peak
I
I
 
2
]
A
[
IL
]
A
[
I
in
Im
IN
]
V
[
.
]
V
[
Ipeak
Rcs
4
0

]
A
[
]
[
Rcs
]
V
[
.
I
det
_
peak
4
0
The current rating of parts
Figure 32. Coil current waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com