Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-264 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-264
Description  Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-264 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-264 Datasheet HTML 1Page - Tyco Electronics AT-264 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Digital Attenuator, 4 Bit, Single Control, 30 dB, 0.5 - 2.0 GHz
AT-264
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V3.00
-1 .5
-1
-0 .5
0
0.5
1
1.5
0.5
1
1.5
2
2.5
3
F R E Q UE NCY (G Hz )
30 dB A T T E N
4 dB
2 dB A T TE N
8 dB A T TE N
16 dB A T T E N
-3 2
-3 0
-2 8
-2 6
-2 4
-2 2
-2 0
-1 8
-1 6
-1 4
-1 2
-1 0
-8
-6
-4
-2
0
0.5
1
1.5
2
2.5
3
F R E Q UE NCY (G Hz )
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
0.5
1
1.5
2
2 .5
3
F R E Q UE NCY (G Hz )
16, 30 dB A T T E N
2 dB A T TE N
IL
0
0.5
1
1.5
2
2.5
0.5
1
1.5
2
2.5
3
F R E Q UE NCY (G H z )
Typical Performance Curves
Attenuation Accuracy vs. Frequency
Functional Schematic
1, 2
Parameter
Absolute Maximum
Input Power
50 MHz
500 - 2000 MHz
+27 dBm
+34 dBm
Control Voltage
+8.5V, -0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1
1.
Exceeding any one or a combination of these limits may cause
permanent damage.
1.
Blocking Caps are required on all RF ports, 39 pF used for data
measurements.
2.
Vs = +5+0.2Vdc can be applied at RF1 or RF2 using a 10K or
greater pull-up resistor.
Insertion Loss vs. Frequency
Attenuation vs. Frequency
VSWR vs. Frequency
GND GND VC1 VC2 VC3 VC4
GND GND
RF1 GND GND GND GND GND GND RF2
PIN 16
PIN 1
16
8
4
2
Vs
VC1
VC2
VC3
VC4
Attenuation (dB)
1
1
1
1
Reference I.L.
11
1
0
2
11
0
1
4
10
1
1
8
01
1
1
16
00
0
0
30
Logic 0=0±0.2V
Logic 1 = +5v @ 30 µA max. current total.
Truth Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com