Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3032 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3032
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032 Datasheet(HTML) 2 Page - Linear Technology

  LT3032_15 Datasheet HTML 1Page - Linear Technology LT3032_15 Datasheet HTML 2Page - Linear Technology LT3032_15 Datasheet HTML 3Page - Linear Technology LT3032_15 Datasheet HTML 4Page - Linear Technology LT3032_15 Datasheet HTML 5Page - Linear Technology LT3032_15 Datasheet HTML 6Page - Linear Technology LT3032_15 Datasheet HTML 7Page - Linear Technology LT3032_15 Datasheet HTML 8Page - Linear Technology LT3032_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3032 Series
2
3032fe
For more information www.linear.com/LT3032
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
INP Pin Voltage.......................................................±20V
INN Pin Voltage.......................................................±20V
OUTP Pin Voltage....................................................±20V
OUTN Pin Voltage (Note 3) .....................................±20V
INP Pin to OUTP Pin Differential Voltage ................±20V
OUTN Pin to INN Pin Differential Voltage
(Note 3)..........................................................–0.5V, 20V
ADJP Pin Voltage......................................................±7V
ADJN Pin Voltage
(with Respect to INN Pin, Note 3) ..................–0.5V, 20V
BYPP Pin Voltage...................................................±0.5V
BYPN Pin Voltage
(with Respect to INN Pin)........................................±20V
SHDNP Pin Voltage.................................................±20V
SHDNN Pin Voltage
(with Respect to INN Pin, Note 3) ..................–0.5V, 35V
SHDNN Pin Voltage
(with Respect to GND Pin) ..............................–20V, 15V
Output Short-Circuit Duration.......................... Indefinite
Operating Junction Temperature Range (Note 2)
E, I Grades ......................................... –40°C to 125°C
MP-Grade .......................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
INP
NC
SHDNP
BYPN
SHDNN
INN
ADJN/NC††
OUTP
NC/ADJP
BYPP
GND
GND
INN
OUTN
TOP VIEW
DE14MA PACKAGE
14-LEAD (4mm
× 3mm) PLASTIC DFN
15
GND
16
INN
TJMAX = 125°C, θJA = 30°C/W TO 43°C/W*, θJC = 10°C/W*
*SEE APPLICATIONS INFORMATION FOR MORE DETAIL
PIN 2: NC FOR LT3032-3.3/LT3032-5/LT3032-12/LT3032-15, ADJP FOR LT3032
††PIN 8: NC FOR LT3032-3.3/LT3032-5/LT3032-12/LT3032-15, ADJN FOR LT3032
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PINS 4, 5 ON PCB
EXPOSED PAD (PIN 16) IS INN, MUST BE SOLDERED TO PINS 6, 9 ON PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3032EDE#PBF
LT3032EDE#TRPBF
3032
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3032IDE#PBF
LT3032IDE#TRPBF
3032
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3032MPDE#PBF
LT3032MPDE#TRPBF
3032
14-Lead (4mm
× 3mm) Plastic DFN
–55°C to 125°C
LT3032EDE-3.3#PBF
LT3032EDE-3.3#TRPBF
03233
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3032IDE-3.3#PBF
LT3032IDE-3.3#TRPBF
03233
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3032MPDE-3.3#PBF
LT3032MPDE-3.3#TRPBF 03233
14-Lead (4mm
× 3mm) Plastic DFN
–55°C to 125°C
LT3032EDE-5#PBF
LT3032EDE-5#TRPBF
30325
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3032IDE-5#PBF
LT3032IDE-5#TRPBF
30325
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3032MPDE-5#PBF
LT3032MPDE-5#TRPBF
30325
14-Lead (4mm
× 3mm) Plastic DFN
–55°C to 125°C
LT3032EDE-12#PBF
LT3032EDE-12#TRPBF
30322
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3032IDE-12#PBF
LT3032IDE-12#TRPBF
30322
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3032MPDE-12#PBF
LT3032MPDE-12#TRPBF 30322
14-Lead (4mm
× 3mm) Plastic DFN
–55°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com