Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3753 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3753
Description  Active Clamp Synchronous Forward Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3753 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3753_15 Datasheet HTML 17Page - Linear Technology LT3753_15 Datasheet HTML 18Page - Linear Technology LT3753_15 Datasheet HTML 19Page - Linear Technology LT3753_15 Datasheet HTML 20Page - Linear Technology LT3753_15 Datasheet HTML 21Page - Linear Technology LT3753_15 Datasheet HTML 22Page - Linear Technology LT3753_15 Datasheet HTML 23Page - Linear Technology LT3753_15 Datasheet HTML 24Page - Linear Technology LT3753_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LT3753
21
3753f
For more information www.linear.com/LT3753
applicaTions inForMaTion
As shown in Figure 12, the maximum steady-state value
for VCCL may occur at minimum or maximum input volt-
age. Hence VCCLshouldbecalculatedatbothinputvoltage
levels and the largest of the two calculations used. M1
drain should be rated for a voltage greater than the above
steady-state VDS calculation due to tolerances in duty
cycle, load transients, voltage ripple on CCL and leakage
inductance spikes. CCL should be rated higher due to the
effect of voltage coefficient on capacitance value. A typical
choice for CCL is a good quality X7R capacitor. M2 should
have a VDS rating greater than VCCL since the bottom plate
of CCL is –VCCL during M1 on and M2 off. For high input
voltage applications, the limited VDS rating of available
P-channel MOSFETs might require changing from a LO
side to HI side active clamp topology.
Forthelosideactiveclamptopologyinsteadystate,during
M1 on time, magnetizing current (IMAG) increases from a
negative value to a positive value (Figure 11). When M1
turnsoff,magnetizingcurrentchargesSWPuntilitreaches
VCCL plus the voltage drop of the M2 body diode. At this
Figure 12. LO Side VCCL vs Duty Cycle
(Normalized to 50% Duty Cycle)
Figure 11. Active Clamp Reset: Magnetizing
Current and M1 Drain Voltage
20µs/DIV
IMAG
1A/DIV
SWP
50V/DIV
3753 F11
DUTY CYCLE (%)
20
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
50
70
3753 F12
30
40
60
80
LO SIDE ACTIVE CLAMP TOPOLOGY
Figure 13. HI Side VCCL vs Duty Cycle
(Normalized to 50% Duty Cycle)
Figure 14. HI Side Active Clamp Topology (Using LT3752-1)
DUTY CYCLE (%)
20
1.5
3753 F13
1.0
0.5
40
60
30
50
70
2.0
2.5
1.3
0.8
1.8
2.3
80
HI SIDE ACTIVE CLAMP TOPOLOGY
CCL
LLEAK
LLEAK
SWP
LMAG
FSW
CSW
• •
• •
VD
D1
–VIN
C2
T4
C1
M2
M4
M1
M3
R1
OUT
VIN
–VIN
VOUT
–VOUT
AOUT
LT3752-1
FG
LTXXXX
CG
3753 F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com