Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1702 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1702
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1702_15 Datasheet HTML 7Page - Linear Technology LTC1702_15 Datasheet HTML 8Page - Linear Technology LTC1702_15 Datasheet HTML 9Page - Linear Technology LTC1702_15 Datasheet HTML 10Page - Linear Technology LTC1702_15 Datasheet HTML 11Page - Linear Technology LTC1702_15 Datasheet HTML 12Page - Linear Technology LTC1702_15 Datasheet HTML 13Page - Linear Technology LTC1702_15 Datasheet HTML 14Page - Linear Technology LTC1702_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
LTC1702
1702fa
APPLICATIONS INFORMATION
improves loop phase margin (see Figure 3). The Feedback
Loop/Compensation section contains a detailed explana-
tion of type 3 feedback loops.
Notice that the FB pin is the virtual ground node of the
feedback amplifier. A typical compensation network does
not include local DC feedback around the amplifier, so that
the DC level at FB will be an accurate replica of the output
voltage, divided down by R1 and RB (Figure 3). However,
the compensation capacitors will tend to attenuate AC
signals at FB, especially with low bandwidth type 1 feed-
back loops. This creates a situation where the MIN and
MAX comparators do not respond immediately to shifts in
the output voltage, since they monitor the output at FB.
Maximizing feedback loop bandwidth will minimize these
delays and allow MIN and MAX to operate properly. See
the Feedback Loop/Compensation section.
PGOOD Flags
The MIN comparator performs another function; it drives
the external “power good” pin (PGOOD) through a 100
µs
delay stage. PGOOD is an open-drain output, allowing it to
be wire-OR’ed with other open-drain/open-collector sig-
nals. An external pull-up resistor is required for PGOOD to
swing high. Any time the FB pin is more than 5% below the
programmed value for more than 100
µs, PGOOD will pull
low, indicating that the output is out of regulation. PGOOD
remains active during soft-start and current limit, even
though the MIN comparator has no effect on the duty cycle
during these times. The 100
µs delay ensures that short
output transient glitches that are successfully “caught” by
the MIN comparator don’t cause momentary glitches at
the PGOOD pin. Note that the PGOOD pin only watches
MIN, not MAX—it does not indicate if the output is 5%
above the programmed value.
When either side of the LTC1702 is in shutdown, its
associated PGOOD pin will go high. This behavior allows
a valid PGOOD reading when the two PGOOD pins are tied
together, even if one side is shut down. It also reduces
quiescent current by eliminating the excess current drawn
by the pull-up at the PGOOD pin. As soon as the RUN/SS
pin rises above the shutdown threshold and the side
comes out of shutdown, the PGOOD pin will pull low until
the output voltage is valid. If both sides are shut down at
the same time, both PGOOD pins will go high. To avoid
confusion, if either side of the LTC1702 is shut down, the
host system should ignore the associated PGOOD pin.
Figure 3. “Type 3” Feedback Loop
0.8V
VOUT
RB
1702 F03
COMP
–
+
FB
FB
C2
C3
C1
R2
R1
R3
MIN/MAX
Two additional feedback loops keep an eye on the primary
feedback amplifier and step in if the feedback node moves
±5% from its nominal 800mV value. The MAX comparator
(see Block Diagram) activates whenever FB rises more
than 5% above 800mV. It immediately turns the top
MOSFET (QT) off and the bottom MOSFET (QB) on and
keeps them that way until FB falls back within 5%. This
pulls the output down as fast as possible, preventing
damage to the (often expensive) load. If FB rises because
the output is shorted to a higher supply, QB will stay on
until the short goes away, the higher supply current limits
or QB dies trying to save the load. This behavior provides
maximum protection against overvoltage faults at the
output, while allowing the circuit to resume normal opera-
tion when the fault is removed. The overvoltage protection
circuit can optionally be set to latch the output off perma-
nently (see the Overvoltage Fault section).
The MIN comparator (see Block Diagram) trips whenever
FB is more than 5% below 800mV and immediately forces
the switch duty cycle to 90% to bring the output voltage
back into range. It releases when FB is within the 5%
window. MIN is disabled when the soft-start or current
limit circuits are active—the only two times that the
output should legitimately be below its regulated value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com