Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLDM8002A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLDM8002A
Description  SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM8002A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLDM8002A Datasheet HTML 1Page - Central Semiconductor Corp CMLDM8002A Datasheet HTML 2Page - Central Semiconductor Corp CMLDM8002A Datasheet HTML 3Page - Central Semiconductor Corp CMLDM8002A Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CMLDM8002A
CMLDM8002AG*
CMLDM8002AJ
SURFACE MOUNT SILICON
DUAL P-CHANNEL
ENHANCEMENT-MODE
MOSFETS
SOT-563 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Gate Q1
2) Source Q1
3) Drain Q2
4) Gate Q2
5) Source Q2
6) Drain Q1
MARKING CODES:
CMLDM8002A: C08
CMLDM8002AG*: CG8
LEAD CODE:
1) Source Q1
2) Gate Q1
3) Drain Q2
4) Source Q2
5) Gate Q2
6) Drain Q1
MARKING CODE: CJ8
CMLDM8002A (USA Pinout)
CMLDM8002AG*
CMLDM8002AJ (Japanese Pinout)
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
rDS(ON)
VGS=10V, ID=500mA
2.5
Ω
rDS(ON)
VGS=10V, ID=500mA, TJ=125°C
4.0
Ω
rDS(ON)
VGS=5.0V, ID=50mA
3.0
Ω
rDS(ON)
VGS=5.0V, ID=50mA, TJ=125°C
5.0
Ω
gFS
VDS =10V, ID=200mA
200
mS
Crss
VDS=25V, VGS=0, f=1.0MHz
7.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
70
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
15
pF
Qg(tot)
VDS=25V, VGS=4.5V, ID=100mA
0.72
nC
Qgs
VDS=25V, VGS=4.5V, ID=100mA
0.25
nC
Qgd
VDS=25V, VGS=4.5V, ID=100mA
0.16
nC
ton, toff
VDD=30V, VGS=10V, ID=200mA
RG=25Ω, RL=150Ω
20
ns
* Device is Halogen Free by design
www.centr a lsemi.com
R7 (8-June 2015)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com