Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS53-0001-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS53-0001-RTR
Description  Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS53-0001-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS53-0001-RTR Datasheet HTML 1Page - Tyco Electronics DS53-0001-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost Three-Way Power Splitter/Combiner — 824-960 MHz
DS53-0001
M/A-COM Division of AMP Incorporated
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V 2.00
Features
• Small Size and Low Profile
• Industry Standard SOIC8 SMT Plastic Package
• Excellent Insertion Loss 0.6 dB Typical
• Superior Repeatability
• Low Cost
• CSM, AMPS, CDPD, ARDIS, RAM Frequency
Coverage
Description
M/A-COM’s DS53-0001 is an IC-based monolithic power
divider in a low cost SOIC-8 plastic package. This 3-way
power divider is ideally suited for applications where
small size, low profile and low cost without sacrificing
Performance ,are required. Typical applications include
Base stations, portables and PCMCIA cards for cellular
Applications. Available in Tape and Reel.
The DS53-0001 is fabricated using a passive-integrated
circuit process. The process features full-chip passivation
for increased performance and reliability.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss above 4.78 dB
dB
0.6
0.7
Isolation
dB
15
18
VSWR
1.4:1
1.6:1
Amplitude Balance
dB
0.6
0.8
Phase Balance
Degrees
2
4
Low Cost Three Way Power Splitter/Combiner
824 - 960 MHz
DS53-0001
Ordering Information
Part Number
Package
DS53-0001
SOIC8 Lead Plastic Package
DS53-0001-TR
Forward Tape and Reel*
DS53-0001- RTR
Reverse Tape and Reel*
SOIC8
Unless otherwise Noted :
.xxx =
±0.010 (.xx = ±0.25)
.xx =
±0.02 (.x = ±0.5)
If specific reel size is required, consult factory for part
number assignment.
1. All specifications apply with a 50-Ohm source and load impedance.


Similar Part No. - DS53-0001-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS53-0001-TR MA-COM-DS53-0001-TR Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
More results

Similar Description - DS53-0001-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0001 MACOM-DS54-0001 Datasheet
37Kb / 2P
Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
logo
Tachyonics CO,. LTD
MAPDCC0007 TACHYONICS-MAPDCC0007 Datasheet
439Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
Tyco Electronics
MAPDCC0005 MACOM-MAPDCC0005 Datasheet
649Kb / 4P
Low Cost Three Way Power Splitter/Combiner
logo
M/A-COM Technology Solu...
DS53-0001 MA-COM-DS53-0001 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
DS54-0001 MA-COM-DS54-0001 Datasheet
81Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
MAPDCC0007 MA-COM-MAPDCC0007 Datasheet
78Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner
MAPDCC0005 MA-COM-MAPDCC0005_15 Datasheet
558Kb / 5P
Low Cost Three Way Power Splitter/Combiner
MAPDCC0007 MA-COM-MAPDCC0007_15 Datasheet
587Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com