Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2005LP4K-7B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2005LP4K-7B
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005LP4K-7B Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2005LP4K-7B Datasheet HTML 1Page - Diodes Incorporated DMN2005LP4K-7B Datasheet HTML 2Page - Diodes Incorporated DMN2005LP4K-7B Datasheet HTML 3Page - Diodes Incorporated DMN2005LP4K-7B Datasheet HTML 4Page - Diodes Incorporated DMN2005LP4K-7B Datasheet HTML 5Page - Diodes Incorporated DMN2005LP4K-7B Datasheet HTML 6Page - Diodes Incorporated DMN2005LP4K-7B Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN2005LP4K
Document number: DS30799 Rev. 8 - 2
3 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMN2005LP4K
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
10
V
Drain Current per element (Note 5)
Continuous
Pulsed (Note 6)
ID
300
350
mA
Thermal Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
400
mW
Thermal Resistance, Junction to Ambient
RJA
280
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (per element) (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 100µA
Zero Gate Voltage Drain Current
IDSS
10
µA
VDS = 17V, VGS = 0V
Gate-Source Leakage
IGSS
5
µA
VGS = 8V, VDS = 0V
ON CHARACTERISTICS (per element) (Note 7)
Gate Threshold Voltage
VGS(th)
0.53
0.9
V
VDS = VGS, ID = 100µA
Static Drain-Source On-Resistance
RDS (ON)




0.35
0.4
0.45
0.55
0.65
1.5
1.7
1.7
3.5
3.5
Ω
VGS = 4V, ID = 10mA
VGS = 2.7V, ID = 200mA
VGS = 2.5V, ID = 10mA
VGS = 1.8V, ID = 200mA
VGS = 1.5V, ID = 1mA
Forward Transfer Admittance
Yfs
40
mS
VDS = 3V, ID = 10mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
37.1
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
6.5
pF
Reverse Transfer Capacitance
Crss
4.8
pF
Switching Time
Turn-On Time
ton

4.06

nS
VDD = 10V, Rl = 47Ω, VGEN = 4.5V,
RGEN = 10Ω.
Turn-Off Time
toff

13.7

Notes:
5. Device mounted on FR-4 PCB.
6. Pulse width
10µS, Duty Cycle 1%.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com