Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPJ-4P Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MPJ-4P
Description  MINI DIN POWER JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MPJ-4P Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MPJ-4P Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Insulator: PBT, glass filled, rated UL 94V-0
Insulator color: Black
Contacts: Brass
Silver over Nickel underplate overall
Operating voltage: 30 VDC max.
Current rating: 7.5 Amps max.
Contact resistance: 30 mohms max. initial
Insulation resistance: 100 Mohms min.
Dielectric withstanding voltage: 500 VAC for 1 minute
Operating temperature: -25¢XC to +70¢XC
Lead free, RoHS compliant.
Recommended soldering temp: 235¢XC for 5 sec.
APPROVED:
DATE:
TITLE:
OF
REV.
SHEET
APPROVED
REF:
SCALE:
1/4/05
DATE
UNLESS OTHERWISE SPECIFIED
TOLERANCES: EXCEPT AS NOTED
ALL DIMENSIONS ARE INCHES [MM]
SS
CHECKED
DRAWN
APPROVALS
+
-
HOLES
-
+
-
+
.10
-
+
INCHES
.020
.015
.XXX
.XX
-
+
+
-
.X
.X
.XX
.XXX
PART NO.
TITLE
SIZE
.10
.010
.015
.591 [15.00]
O.118
[3.00]
.537
[13.65]
.138
[3.50]
O.059
[1.50]
.071
[1.80]
.189
[4.80]
.217
[5.50]
O.502
[12.74]
.157
[4.00]
.197
[5.00]
.512 [13.00]
.063 [1.60]
.138 [3.50]
.276
[7.00]
.425 [10.80]
.197
[5.00]
.063
[1.60]
.138
[3.50]
.276 [7.00]
O.059
[1.50]
.079x.039
[2.00x1.00]
.217
[5.50]
.189
[4.80]
RECOMMENDED PCB LAYOUT
.079
[2.00]
.425 [10.80]
RoH
COMPLI
S
RoH
COMPLI
S
ANT
SPECIFICATIONS:
Material:
Plating:
Electrical:
Temperature Rating:
Environmental:
A
B
C
D
RELEASED
Description
-
6
5
4
Rev
3
AWO #
2
1/4/05
Date
1
Appr
C
1
A
B
C
D
MPJ-4P
X
6
5
4
3
2
1
NTS
1
Phone: 908-687-5000 Fax: 908-687-5710
909 Rahway Avenue, Union, NJ 07083
ADAM TECH
MINI DIN POWER JACK
ALL POWER CONTACTS
A
CHANGED ENGINEERING DESIGN
10/30/08
S00002C
B
CORRECT CURRENT RATING
10/14/09
C
REDRAWN
9/7/10


Similar Part No. - MPJ-4P

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MPJ-4P-S ADAM-TECH-MPJ-4P-S Datasheet
173Kb / 1P
MINI DIN POWER JACK
MPJ-4P-S-HT ADAM-TECH-MPJ-4P-S-HT Datasheet
173Kb / 1P
MINI DIN POWER JACK
MPJ-4P-V-S ADAM-TECH-MPJ-4P-V-S Datasheet
172Kb / 1P
MINI DIN POWER JACK
More results

Similar Description - MPJ-4P

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MDJ-00X-FS-GRN ADAM-TECH-MDJ-00X-FS-GRN Datasheet
144Kb / 1P
MINI DIN JACK
MDV-00X-M ADAM-TECH-MDV-00X-M Datasheet
68Kb / 1P
MINI DIN JACK
MPJ-3P ADAM-TECH-MPJ-3P Datasheet
90Kb / 1P
MINI DIN POWER JACK
MPJ-3P-S ADAM-TECH-MPJ-3P-S Datasheet
176Kb / 1P
MINI DIN POWER JACK
MPJ-3P-S-HT ADAM-TECH-MPJ-3P-S-HT Datasheet
174Kb / 1P
MINI DIN POWER JACK
MPJ-4P-S ADAM-TECH-MPJ-4P-S Datasheet
173Kb / 1P
MINI DIN POWER JACK
MPJ-4P-S-HT ADAM-TECH-MPJ-4P-S-HT Datasheet
173Kb / 1P
MINI DIN POWER JACK
MPJ-4P-V-S ADAM-TECH-MPJ-4P-V-S Datasheet
172Kb / 1P
MINI DIN POWER JACK
MP-X-D ADAM-TECH-MP-X-D Datasheet
77Kb / 1P
MINI DIN POWER JACK
MP-XX-D ADAM-TECH-MP-XX-D Datasheet
81Kb / 1P
MINI DIN POWER JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com