Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2054SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2054SR
Description  LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2054SR Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2054SR Datasheet HTML 5Page - RF Micro Devices RF2054SR Datasheet HTML 6Page - RF Micro Devices RF2054SR Datasheet HTML 7Page - RF Micro Devices RF2054SR Datasheet HTML 8Page - RF Micro Devices RF2054SR Datasheet HTML 9Page - RF Micro Devices RF2054SR Datasheet HTML 10Page - RF Micro Devices RF2054SR Datasheet HTML 11Page - RF Micro Devices RF2054SR Datasheet HTML 12Page - RF Micro Devices RF2054SR Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9 of 39
RF2054
DS120320
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance Characteristics: RF Mixers
VDD = +2.2V, TA = +25°C unless stated, as measured on RF2054 evaluation board.
See schematic page 36.
50.0
51.0
52.0
53.0
54.0
55.0
56.0
57.0
58.0
59.0
60.0
2.05
2.10
2.15
2.20
2.25
2.30
2.35
Supply Voltage
Total Supply Current versus Temp and Voltage
Full Duplex Mode, LO Frequency = 960MHz
-20
ƒC
0
ƒC
+25
ƒC
+50
ƒC
+75
ƒC
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
880
900
920
940
960
980
1000
LO Frequency (MHz)
Typical Mixer Conversion Gain
+25°C and +2.2V Supply, RF = IF + LO
Mixer 1, RF in = 2000MHz
Mixer 2, IF in = 1050MHz
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
880
900
920
940
960
980
1000
LO Frequency (MHz)
Typical LO Leakage at Mixer Output
+25°C and +2.2V Supply
Mixer 1
Mixer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com