Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2004DMK Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP2004DMK
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2004DMK Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP2004DMK_15 Datasheet HTML 1Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 2Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 3Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 4Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DMP2004DMK
Document number: DS30939 Rev. 4 - 2
4 of 5
www.diodes.com
August 2012
© Diodes Incorporated
DMP2004DMK
T , AMBIENT TEMPERATURE (°C)
Fig. 7 Static Drain-Source On-State Resistance
vs. Ambient Temperature
A
-I , DRAIN CURRENT (A)
Fig. 9 Forward Transfer Admittance vs. Drain Current
D
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 10 Typical Capacitance
DS
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOT26
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
⎯
⎯
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
α
0°
8°
⎯
All Dimensions in mm
A
M
J
L
D
B C
H
K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com