Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3855 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3855
Description  3.1V LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3855 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3855 Datasheet HTML 1Page - RF Micro Devices RF3855 Datasheet HTML 2Page - RF Micro Devices RF3855 Datasheet HTML 3Page - RF Micro Devices RF3855 Datasheet HTML 4Page - RF Micro Devices RF3855 Datasheet HTML 5Page - RF Micro Devices RF3855 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
4
VPD2
3
MODE
2
VPD1
13
14
15
16
1
10 VCC
11 VCC1
12 VCC1
5
67
8
9
RF3855
3.1V LINEAR POWER AMPLIFIER
The RF3855 is a high-power, high-efficiency linear amplifier IC targeting L-
BAND SATCOM Applications. The device is manufactured on an advanced
Gallium Arsenide process, and has been designed for use as the final RF
amplifier applications in the 1611MHz to 1618MHz band. The package is
a 4mmx4mm, 16-pin QFN plastic package with backside ground.
Features
Single 3.1V Supply
Applications
L-BAND SATCOM Applications
RF3855
3.1V Linear Power Amplifier
DS110914
RF38553.1V
Linear Power
Amplifier
Package Style: QFN, 16-Pin, 4 x 4


Similar Part No. - RF3855

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3854 RFMD-RF3854 Datasheet
525Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3854PCBA-41X RFMD-RF3854PCBA-41X Datasheet
525Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3857 RFMD-RF3857 Datasheet
624Kb / 11P
DUAL CHANNEL LNA WITH BYPASS MODE
RF3857PCK-410 RFMD-RF3857PCK-410 Datasheet
624Kb / 11P
DUAL CHANNEL LNA WITH BYPASS MODE
RF3857PCK-411 RFMD-RF3857PCK-411 Datasheet
624Kb / 11P
DUAL CHANNEL LNA WITH BYPASS MODE
More results

Similar Description - RF3855

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2137 RFMD-RF2137 Datasheet
54Kb / 4P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AP172-317LF SKYWORKS-AP172-317LF Datasheet
216Kb / 6P
Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
MAAPSS0075 MA-COM-MAAPSS0075_15 Datasheet
179Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com