Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5102 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5102
Description  3V TO 5V LINEAR POWER AMPLIFIER FOR 2.4GHz WIFI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5102 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5102 Datasheet HTML 1Page - RF Micro Devices RF5102 Datasheet HTML 2Page - RF Micro Devices RF5102 Datasheet HTML 3Page - RF Micro Devices RF5102 Datasheet HTML 4Page - RF Micro Devices RF5102 Datasheet HTML 5Page - RF Micro Devices RF5102 Datasheet HTML 6Page - RF Micro Devices RF5102 Datasheet HTML 7Page - RF Micro Devices RF5102 Datasheet HTML 8Page - RF Micro Devices RF5102 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
NC
RF IN
RF IN
NC
NC
RF OUT
RF OUT
VCC2
16
15
5
6
8
9
10
11
12
4
3
2
1
7
14
13
Bias Circuit
Input
Match
Interstage
Match
Power
Detector
RF5102
3V TO 5V LINEAR POWER AMPLIFIER FOR
2.4GHz WIFI
The RF5102 is a linear, medium-power, high-efficiency, two-stage amplifier IC
designed specifically for battery-powered WiFi applications such as PC cards, mini
PCI, and compact flash applications. The device is manufactured on an advanced
InGaP Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has
been designed for use as the final RF amplifier in 2.5GHz OFDM and other spread-
spectrum transmitters. The device is provided in a 3mmx3mmx0.9mm, 16-pin,
QFN with a backside ground. The RF5102 is designed to maintain linearity over a
wide range of supply voltage and power output.
Features
Single Power Supply 3.0V to 5V
+21dBm, <4.0%EVM, 185mA at
VCC=3.3V
+23dBm, <4% EVM, 250mA at
VCC=5.0V
28dB Typical Small Signal Gain
50
 Input and Interstage Match-
ing
2400MHz to 2500MHz
Frequency Range
Applications
IEEE802.11b/g/n WiFi Applica-
tions
2.5GHz ISM Band Applications
Commercial and Consumer Sys-
tems
Portable Battery-Powered Equip-
ment
Spread-Spectrum and MMDS
Systems
RF5102
Standard 25 piece bag
RF5102SR
Standard 100 piece reel
RF5102TR7
Standard 2500 piece reel
RF5102PCK-41X
Fully Assembled Evaluation Board Kit (3.3V tune)
RF5102WL50PCK-41X Fully Assembled Evaluation Board Kit (5.0V Tune)
DS110617
Package Style: QFN, 16-Pin, 3mmx3mmx0.9mm


Similar Part No. - RF5102

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5110 RFMD-RF5110 Datasheet
169Kb / 12P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110 Datasheet
278Kb / 14P
3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G Datasheet
233Kb / 18P
3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
More results

Similar Description - RF5102

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
WiFi Power Amplifier 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com