Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5112 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5112
Description  3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5112 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5112 Datasheet HTML 1Page - RF Micro Devices RF5112 Datasheet HTML 2Page - RF Micro Devices RF5112 Datasheet HTML 3Page - RF Micro Devices RF5112 Datasheet HTML 4Page - RF Micro Devices RF5112 Datasheet HTML 5Page - RF Micro Devices RF5112 Datasheet HTML 6Page - RF Micro Devices RF5112 Datasheet HTML 7Page - RF Micro Devices RF5112 Datasheet HTML 8Page - RF Micro Devices RF5112 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2 of 19
RF5112
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
6.0
V
Power Control Voltage (V
REG)3.3
V
DC Supply Current
500
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance
IEEE802.11b/g
IEEE802.11n**
Typical Conditions
Temp=25°C, VREG 1 and 2=2.85V,
Freq=2.4Ghz to 2.5GHz, Duty Cycle=1 to
100% unless otherwise noted.
Frequency
2.40
2.5
GHz
Output Power
TBD
21
dBm
VCC=3.3V, VREG=2.85V, 54Mbps, OFDM mod-
ulation
EVM
3.3
4.0
%
VCC=3.3V, POUT=21dBm
Adjacent Channel Power
ACP1
-34
-30
dBc
VCC=3.3V, VREG=2.85V, POUT=23.5dBm mea-
sured with the standard IEEE802.11b wave
form at 1Mbps.
ACP2
-54
-50
dBc
VCC=3.3V, VREG=2.85V, POUT=23.5dBm mea-
sured with the standard IEEE802.11b wave
form at 1Mbps.
Output Power
TBD
23
dBm
VCC=5V, VREG=2.85V, 54Mbps, OFDM modu-
lation
EVM
3.3
4.0
%
POUT=23dBm, RMS, mean
Adjacent Channel Power
ACP1
-34
-30
dBc
VCC=5.0V, VREG=2.85V, POUT=23.5dBm mea-
sured with the standard IEEE802.11b wave
form at 1Mbps.
ACP2
-54
-50
dBc
VCC=5.0V, VREG=2.85V, POUT=23.5dBm mea-
sured with the standard IEEE802.11b wave
form at 1Mbps.
Harmonics
2F0
-17
TBD
dBm/MHz
Measured at VCC=3.3V, VREG=2.85V at
POUT=23dBm with 11b waveform at 1Mbps
3F0
-35
TBD
dBm/MHz
Measured at VCC=3.3V, VREG=2.85V at
POUT=23dBm with 11b waveform at 1Mbps
Harmonics
2F0
-7
TBD
dBm/MHz
Measured at VCC=5.0V, VREG=2.85V at
POUT=25dBm with 11b waveform at 1Mbps
3F0
-47
TBD
dBm/MHz
Measured at VCC=5.0V, VREG=2.85V at
POUT=25dBm with 11b waveform at 1Mbps
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com