Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5288 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5288
Description  3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5288 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5288 Datasheet HTML 7Page - RF Micro Devices RF5288 Datasheet HTML 8Page - RF Micro Devices RF5288 Datasheet HTML 9Page - RF Micro Devices RF5288 Datasheet HTML 10Page - RF Micro Devices RF5288 Datasheet HTML 11Page - RF Micro Devices RF5288 Datasheet HTML 12Page - RF Micro Devices RF5288 Datasheet HTML 13Page - RF Micro Devices RF5288 Datasheet HTML 14Page - RF Micro Devices RF5288 Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13 of 15
RF5288
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
0
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
EVM
( %)
POUT (dBm)
Low Band EVM versus POUT at VCC=3.3V, PAENG=3.0V, Freq=2.45,
Temp=-40°C, -30°C, 0°C, 25°C and 70°C and 50% Duty Cycle
- 40 C
- 30 C
0 C
25 C
70 C
10
12
14
16
18
20
22
24
26
28
30
32
34
36
1
2
3
4567
89 10 11 12 13 14 15 16 17 18 19 20
Gain
(dB)
POUT (dBm)
Low Band Gain versus POUT at VCC=3.3V, PAENG=3.0V, Freq=2.45,
Temp=-40°C, -30°C, 0°C, 25°C, 70°C and 50% Duty Cycle
-40C
-30C
0 C
25 C
70 C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
12345
67
89 10 11 12 13 14 15 16 17 18 19 20
ICC (A)
POUT (dBm)
Low Band ICC versus POUT at VCC=3.3V, PAENG=3.0V, Freq=2.45,
Temp=-40°C, -30°C, 0°C, 25°C and 70°C and 50% Duty Cycle
-40 C
-30 C
0 C
25 C
70 C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
12345
67
89 10 11 12 13 14 15 16 17 18 19 20
PDET
(V)
POUT (dBm)
Low Band Pdetect versus POUT at VCC=3.3V, PAENG=3.0V,
Freq=2.45GHz, Temp=-40°C, -30°C, 0°C, 25°C and 70°C and 50% Duty Cycle
-40 C
-30 C
0 C
25 C
70 C
-70
-60
-50
-40
-30
-20
-10
0
2400
2410
2420
2430
2440
2450
2460
2470
2480
2490
2500
H2
(dBm/MHz)
Frequency (MHz)
LowBand 2nd Harmonic versus Freq at V
CC=3.3V, PAENG=3.0V, Freq=2.4, 2.45, and
2.5GHz, Temp=-40°C, -30°C, 0°C, 25°C and 70°C Measured with 1Mbps IEEE802.11b
Waveform@ 20dBm POUT
- 40 C
- 30 C
0 C
25 C
70 C
-70
-60
-50
-40
-30
-20
-10
0
2400
2410
2420
2430
2440
2450
2460
2470
2480
2490
2500
H3
(dBm/MHz)
Frequency (MHz)
LowBand 3rd Harmonic versus Frequency at V
CC=3.3V, PAENG=3.0V, Freq=2.4, 2.45, and
2.5GHz, Temp=-40°C, -30°C, 0°C, 25°C, and 70°C. Measured with 1Mbps IEEE802.11b
waveform at 20dBmPOUT
- 40 C
- 30 C
0 C
25 C
70 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com